Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-42KF-R1-V Datasheet(PDF) 1 Page - Eravant

Part # SWC-42KF-R1-V
Description  K-Band Waveguide to 2.92mm Connector Adapter, Right Angle, Thermal Vacuum Safe
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-42KF-R1-V Datasheet(HTML) 1 Page - Eravant

  SWC-42KF-R1-V Datasheet HTML 1Page - Eravant SWC-42KF-R1-V Datasheet HTML 2Page - Eravant SWC-42KF-R1-V Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-42KF-R1-V and SWC-42KM-R1-V
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Final Rev 1.0
K-Band Waveguide to 2.92mm Connector Adapter, Right Angle, Thermal Vacuum Safe
Models SWC-42KF-R1-V and SWC-42KM-R1-V are right angle (90°) K-
band waveguide to coax adapters that cover the frequency range of 18 to
26.5 GHz. They are designed and manufactured for instrumentation grade
quality and thermal vacuum compaibility, allowing for an efficient transition
between the rectangular waveguide and 2.92 mm (K) coax connector.
Electrical Specifications:
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
18 GHz
26.5 GHz
Insertion Loss
0.3 dB
0.4 dB
Return Loss
17 dB
20 dB
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
Waveguide
WR-42 Waveguide with UG-595/U Flange
Coaxial Port
2.92 mm (K) Female for Model Number: SWC-42KF-R1-V
Coaxial Port
2.92 mm (K) Male for Model Number: SWC-42KM-R1-V
Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-KR
ECCN
EAR99
FEATURES
• Thermal Vacuum Safe
• Full Band Coverage
• Lower Insertion Loss and
VSWR
• Instrumentation Grade
• DC Open Circuit
APPLICATIONS
• Thermal Vacuum Chamber
• Test Lab
• Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-42KF-R1-V

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-42KF-E1 ERAVANT-SWC-42KF-E1 Datasheet
270Kb / 3P
K-Band Waveguide to K Connector Adapter, End Launch
Rev 1.2
SWC-42KF-E1-U220 ERAVANT-SWC-42KF-E1-U220 Datasheet
333Kb / 3P
K-Band Waveguide to K Connector Adapter, Non-Standard UBR220 Flange, End Launch
Rev 1.1
SWC-42KF-E1-V ERAVANT-SWC-42KF-E1-V Datasheet
294Kb / 3P
K-Band Waveguide to 2.92mm Connector Adapter, End Launch, Thermal Vacuum Safe
Rev 1.0
SWC-42KF-E1-WR ERAVANT-SWC-42KF-E1-WR Datasheet
415Kb / 3P
K-Band Waveguide to Coax Panel Mount Adapter, End Launch
Rev 1.2
More results

Similar Description - SWC-42KF-R1-V

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M09207 MICROSEMI-M09207 Datasheet
147Kb / 2P
K Band Waveguide Modulator
logo
Pasternack Enterprises,...
PE9644 PASTERNACK-PE9644 Datasheet
249Kb / 3P
Precision 2.92mm Male to 2.92mm Female Right Angle Adapter
PE9645 PASTERNACK-PE9645 Datasheet
255Kb / 3P
Precision 2.92mm Male to 2.92mm Male Right Angle Adapter
PE9646 PASTERNACK-PE9646 Datasheet
250Kb / 3P
Precision 2.92mm Female to 2.92mm Female Right Angle Adapter
PE-W42CA002 PASTERNACK-PE-W42CA002 Datasheet
424Kb / 4P
WR-42 With UG595-U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz K Band
PE91070 PASTERNACK-PE91070 Datasheet
243Kb / 3P
Precision 2.92mm Male to 2.92mm Female Radius Right Angle Adapter Up To 40GHz
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
logo
Pasternack Enterprises,...
PE91512 PASTERNACK-PE91512 Datasheet
499Kb / 3P
1.85mm Female to 2.92mm Male Miter Right Angle Adapter
REV 1.0
PE91513 PASTERNACK-PE91513 Datasheet
496Kb / 3P
1.85mm Female to 2.92mm Female Miter Right Angle Adapter
REV 1.0
PE91519 PASTERNACK-PE91519 Datasheet
499Kb / 3P
1.85mm Male to 2.92mm Male Miter Right Angle Adapter
REV 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com