Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC251 Datasheet (PDF) - Semtech Corporation

SC251 Datasheet PDF - Semtech Corporation
Part # SC251
Download  SC251 Download
File Size   523.92 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers

SC251 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC251 Datasheet PDF - Semtech Corporation

Part # SC251
Download  SC251 Click to download

File Size   523.92 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers

SC251 Datasheet (HTML) - Semtech Corporation


SC251 Product details

Description
The SC251 is a synchronous step-down converter designed for use as an adaptive voltage supply for WCDMA RF power amplifiers (PAs). An analog control input is used to adjust the output voltage dynamically between 0.5V and 3.4V using a non-linear transfer function. The non-linear relationship maximizes total system efficiency by providing the PA with the minimum voltage it needs to maintain linearity. For output voltages greater than 3.4V the input is connected directly to the output via an internal PMOS switch.
Features
◆ VOUT exponentially proportional to VDAC for maximum efficiency (patent pending)
◆ Output range and pass-through mode - 0.5V to 3.4V
◆ Output current - 800mA
◆ Shutdown current - < 1μA
◆ LDO PA bias supply - 2.85V, 10mA
◆ Internal clock - 1MHz
◆ Continuous short circuit protection on VOUT
◆ Duty cycle mode - 100%
◆ Internal PMOS bypass transistor
◆ Gate drive available for external bypass transistor
◆ Over 90% efficiency
◆ Low and high power modes for optimum dual-mode PA efficiency
◆ Switching time (lowest to highest output) < 40μs
◆ Micro-lead frame package MLPD-10, 3mm x 3mm

Applications
◆ 3G mobile phones - RF PA power supply
◆ WCDMA power amplifier modules
◆ Wireless modems




Similar Part No. - SC251

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC251 MOTOROLA-SC251 Datasheet
94Kb / 2P
TRIACS BIDIRECTIPNAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
SC251 NJSEMI-SC251 Datasheet
228Kb / 4P
Hermetic Triacs
SC251 NJSEMI-SC251 Datasheet
228Kb / 4P
Hermetic Triacs
logo
Semtech Corporation
SC2516 SEMTECH-SC2516 Datasheet
263Kb / 15P
Complete Three-in-One DDR Power Solution With BF_CUT
SC2516MLTR SEMTECH-SC2516MLTR Datasheet
263Kb / 15P
Complete Three-in-One DDR Power Solution With BF_CUT
More results


Similar Description - SC251

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
Aimtron Technology
AT1305 AIMTRON-AT1305 Datasheet
461Kb / 13P
PFM Step-Up DC/DC Converter with LDO
logo
Semtech Corporation
SC250 SEMTECH-SC250 Datasheet
844Kb / 18P
Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
logo
Texas Instruments
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Texas Instruments
LM3203 TI-LM3203_15 Datasheet
3Mb / 22P
LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
Step-Down DC-DC Converter With
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
Step-Down DC-DC Converter
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
Step-Down DC-DC Converter
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com