Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC251 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC251
Description  Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC251 Datasheet(HTML) 2 Page - Semtech Corporation

  SC251 Datasheet HTML 1Page - Semtech Corporation SC251 Datasheet HTML 2Page - Semtech Corporation SC251 Datasheet HTML 3Page - Semtech Corporation SC251 Datasheet HTML 4Page - Semtech Corporation SC251 Datasheet HTML 5Page - Semtech Corporation SC251 Datasheet HTML 6Page - Semtech Corporation SC251 Datasheet HTML 7Page - Semtech Corporation SC251 Datasheet HTML 8Page - Semtech Corporation SC251 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
© 2006 Semtech Corp.
www.semtech.com
SC251
POWER MANAGEMENT
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specifed in the
Electrical Characteristics section is not recommended.
Parameter
Symbol
Maximum
Units
Input Supply Voltage
V
IN
-0.3 to 7
V
Logic Inputs/Outputs
(EN, VMODE, VDAC, GD)
V
N
-0.3 to V
IN +0.3 ,7V Max
V
Output Voltage
V
OUT
-0.3 to V
IN +0.3 ,7V Max
V
LX Voltage
V
LX
-1 to V
IN +1, 7V Max
V
Thermal Impedance Junction to Ambient(1)
θ
JA
49
°C/W
VOUT Short-Circuit to GND
t
SC
Continuous
s
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Storage Temperature
T
S
-60 to +160
°C
Maximum Junction Temperature
T
J
-40 to +150
°C
Peak IR Reflow Temperature
T
LEAD
260
°C
ESD Protection Level(2)
V
ESD
2kV
Notes:
Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under exposed pad pre JESD51 standards.
Tested according JEDEC standard JESD22-A114-B
1.
2.
Unless otherwise noted: V
IN = 4V, EN = VIN, VMODE = GND (High Power), VDAC = 1.1V, TA = -40 to 85°C. Typical values are at TA = +25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
V
IN
2.7
5
V
V
OUT Accuracy
V
OUT
V
DAC = 0.3V, VMODE = VIN, IOUT = 20mA
0.44
0.48
0.52
V
V
MODE = VIN, IOUT = 60mA
3.16
3.40
3.64
I
OUT = 200mA
1.38
1.62
1.86
Line Regulation
V
OUT LINE
V
IN = 2.7V to 5V,
I
OUT = 200mA, TA = -40 to 85°C
±1.2
%
Load Regulation (PWM)
V
OUT LOAD
I
OUT = 0A to 800mA, TA = -40 to 85°C
±0.5
%
Peak Inductor Current
I
LX PK
1
1.7
A
Bypass FET current limit
I
PASS
1
2.5
A
Quiescent Current
I
Q NORM
2.5
mA
I
Q PASS
V
DAC = 1.3V
1.5
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com