Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC251 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC251
Description  Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC251 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC251 Datasheet HTML 9Page - Semtech Corporation SC251 Datasheet HTML 10Page - Semtech Corporation SC251 Datasheet HTML 11Page - Semtech Corporation SC251 Datasheet HTML 12Page - Semtech Corporation SC251 Datasheet HTML 13Page - Semtech Corporation SC251 Datasheet HTML 14Page - Semtech Corporation SC251 Datasheet HTML 15Page - Semtech Corporation SC251 Datasheet HTML 16Page - Semtech Corporation SC251 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
© 2006 Semtech Corp.
www.semtech.com
SC251
POWER MANAGEMENT
Typical Characteristics
Efficiency vs. Load
V
OUT=1.8V
Efficiency vs. V
IN
V
OUT=1.8V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
IOUT(A)
VIN=4.2V
VIN=3.6V
Efficiency vs. Load
V
OUT=1.2V
IOUT(A)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
VIN=3.6V
VIN=4.2V
Efficiency vs. Load
V
OUT=1.5V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
IOUT(A)
VIN=3.6V
VIN=4.2V
Efficiency vs. Load
V
OUT=2.5V
IOUT(A)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
VIN=3.6V
VIN=4.2V
Efficiency vs. Load
V
OUT=3.4V (Pass-Through)
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
IOUT(A)
VOUT=3.4V,VIN=4V
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin(V)
IOUT=10mA
IOUT=100mA
IOUT=600mA
IOUT=300mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com