Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250 Datasheet (PDF) - Semtech Corporation

SC250 Datasheet PDF - Semtech Corporation
Part # SC250
Download  SC250 Download
File Size   844.05 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers

SC250 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC250 Datasheet PDF - Semtech Corporation

Part # SC250
Download  SC250 Click to download

File Size   844.05 Kbytes
Page   18 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers

SC250 Datasheet (HTML) - Semtech Corporation


SC250 Product details

Description
The SC250 is a synchronous step-down converter designed specifically for use as an adaptive voltage supply for CDMA and WCDMA RF Power Amplifiers (PAs). The output voltage can be adjusted dynamically between 0.3V and (Vin - 0.4)V through a linear analog control input. For high power operation, a maximum control input signal level forces the device into bypass mode where the input is connected directly to the output via an internal PChannel pass transistor. Bypass mode also occurs when the output load demands duty cycles in excess of the maximum rated duty cycle.

Features
◆ Adjustable output voltage range — 0.3 to 3.6V
◆ Linearly proportional VDAC to VOUT relationship for increased PA efficiency
◆ Pass-through mode automatic and on demand
◆ Input voltage range — 2.7V to 5V
◆ Typical settling time — 40μs
◆ Output current capability — 600mA
◆ Maximum output current in bypass mode — 1A
◆ Up to 96% efficiency
◆ Constant frequency operation — 1MHz
◆ Less than 1μA shutdown current
◆ Internal 75mΩ PMOS bypass transistor
◆ PA bias voltage supply — 2.85V, 20mA, 1.5%
◆ MLPD-W8, 2.3 x 2.3mm package

Applications
◆ CDMA and WCDMA Phones
◆ Handheld Radios
◆ RF PC Cards
◆ Battery Powered RF Devices




Similar Part No. - SC250

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC250 MOTOROLA-SC250 Datasheet
94Kb / 2P
TRIACS BIDIRECTIPNAL TRIODE THYRISTORS
logo
Digitron Semiconductors
SC250 DIGITRON-SC250 Datasheet
331Kb / 4P
BIDIRECTIONAL TRIODE THYRISTOR
logo
New Jersey Semi-Conduct...
SC250 NJSEMI-SC250 Datasheet
228Kb / 4P
Hermetic Triacs
SC250 NJSEMI-SC250 Datasheet
228Kb / 4P
Hermetic Triacs
logo
TT Electronics.
SC250 TTELEC-SC250 Datasheet
764Kb / 8P
Metal Tube Flowmeters
02/2023
More results


Similar Description - SC250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3207 NSC-LM3207 Datasheet
1Mb / 19P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
logo
Semtech Corporation
SC251 SEMTECH-SC251 Datasheet
523Kb / 19P
Step-down DC-DC Converter with Bias LDO for WCDMA Amplifi ers
logo
National Semiconductor ...
LM3207 NSC-LM3207_07 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers with Integrated Vref LDO
logo
ams AG
AS1332 AMSCO-AS1332 Datasheet
1Mb / 19P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
650mA, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
Step-Down DC-DC Converter With
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com