Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC250
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC250 Datasheet HTML 3Page - Semtech Corporation SC250 Datasheet HTML 4Page - Semtech Corporation SC250 Datasheet HTML 5Page - Semtech Corporation SC250 Datasheet HTML 6Page - Semtech Corporation SC250 Datasheet HTML 7Page - Semtech Corporation SC250 Datasheet HTML 8Page - Semtech Corporation SC250 Datasheet HTML 9Page - Semtech Corporation SC250 Datasheet HTML 10Page - Semtech Corporation SC250 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Pin Descriptions
Pin #
Pin Name
Pin Function
1LX
Inductor connection to the switching FETs
2
VIN
Input voltage connection
3
VREF
2.85V, 20mA reference supply
— can be used as a supply for power amplifier bias inputs or
to supply a resistive divider on V
DAC to set a fixed level of VOUT.
4
GND
Ground connection
5
VDAC
Analog control voltage input ranges between 0.1 and 1.2V for control of V
OUT in accordance
with the V
OUT= 3 x VDAC transfer function. VDAC > 1.4V enables pass-through mode using
the internal pass MOSFET.
6
VOUT
Regulated output voltage and feedback
7EN
Enable digital input: a high input enables the SC250, a low disables the output and
reduces quiescent current to less than 1μA and LX becomes high impedance.
8
PGND
Ground reference for internal N-channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com