Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC250
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC250 Datasheet HTML 8Page - Semtech Corporation SC250 Datasheet HTML 9Page - Semtech Corporation SC250 Datasheet HTML 10Page - Semtech Corporation SC250 Datasheet HTML 11Page - Semtech Corporation SC250 Datasheet HTML 12Page - Semtech Corporation SC250 Datasheet HTML 13Page - Semtech Corporation SC250 Datasheet HTML 14Page - Semtech Corporation SC250 Datasheet HTML 15Page - Semtech Corporation SC250 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Typical Characteristics (Cont.)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
`
VDAC (V)
VIN=5.5V
VIN=4.2V
VIN=3.6V
VIN=3.0V
VIN=2.7V
Control Transfer Function I
OUT = 0.3A
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN(V)
VIN Up
VIN
Down
Auto Bypass Function, V
OUT = 3.25V
0
0.001
0.002
0.003
0.004
0.005
0.006
2.5
3
3.5
4
4.5
5
5.5
6
VOUT=2.1V
VIN (V)
VOUT=1.5V
VOUT=0.3V
Dynamic Supply Current vs. V
IN
TJ (°C)
0
2
4
6
8
10
12
14
16
-40
-20
0
20
40
60
80
100
120
Shutdown Current vs. Temperature, V
IN = 3.6V
2
2.05
2.1
2.15
2.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
IOUT (A)
Load Regulation, V
OUT = 2.1V
1.49
1.495
1.5
1.505
1.51
1.515
1.52
2.53
3.54
4.55
5.56
50mA
150mA
300mA
600mA
TA (°C)
Line Regulation, V
OUT = 1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com