Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC250
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250 Datasheet(HTML) 3 Page - Semtech Corporation

  SC250 Datasheet HTML 1Page - Semtech Corporation SC250 Datasheet HTML 2Page - Semtech Corporation SC250 Datasheet HTML 3Page - Semtech Corporation SC250 Datasheet HTML 4Page - Semtech Corporation SC250 Datasheet HTML 5Page - Semtech Corporation SC250 Datasheet HTML 6Page - Semtech Corporation SC250 Datasheet HTML 7Page - Semtech Corporation SC250 Datasheet HTML 8Page - Semtech Corporation SC250 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Electrical Characteristics (Cont.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Quiescent Current
I
Q
Normal Mode (V
DAC < 1V)
1.5
mA
Bypass Mode (V
DAC > 1.4V)
1
Shutdown Current
I
SD
LX = open, EN = GND, V
OUT = open,
T
A= 25°C
0.1
1
μA
VDAC Regulated Output
Mode
V
DAC
V
IN = 4.2V
0.10
1.20
V
VDAC Pass-Through
Mode Threshold
V
DAC PT
V
DAC Rising
1.28
1.37
V
V
DAC Falling
1.20
1.3
VDAC to VOUT Transfer
Ratio
G
V
3
V/V
R
DS ON of Bypass
P-Channel FET
R
PASS
I
OUT = 100mA, VIN = 3V, VDAC= 1.4V
75
mΩ
R
DS ON of P-Channel
Switching FET
R
DSP
I
OUT = 100mA, VIN = 3V
400
mΩ
R
DS ON of N-Channel
Switching FET
R
DSN
I
OUT = 100mA, VIN = 3V
250
mΩ
LX Leakage Current PMOS
I
LXP
V
IN = 3.6V, LX = 0V, EN = GND
2
μA
LX Leakage Current NMOS
I
LXN
V
IN = 3.6V, LX = 3.6V, EN = GND
2
μA
VOUT Pin Bypass
PMOS Leakage
I
LVOUT
V
IN = 3.6V, VOUT = 0V, EN = GND
2
μA
Oscillator Frequency
(Fixed Frequency)
f
OSC
V
DAC > 0.2V
0.85
1
1.15
MHz
Oscillator Frequency
(Variable Frequency)
f
OSCV
V
DAC = 0.1V
0.65
MHz
Logic Input High
V
IH
1.6
V
Logic Input Low
V
IL
0.6
V
Control Input Current - High
I
IH
VDAC/EN =3.6V
±2
μA
Control Input Current - Low
I
IL
VDAC/EN = GND
±2
μA
Enable Transient
Over/Undershoot
OS
EN
20
%
Enable Transient Settling
Time
t
EN-ST
40
μs
VDAC Transient
Over/Undershoot
OS
VDAC
20
%
VDAC Transient Settling
Time
t
VDAC-ST
40
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com