Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC250
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC250 Datasheet HTML 10Page - Semtech Corporation SC250 Datasheet HTML 11Page - Semtech Corporation SC250 Datasheet HTML 12Page - Semtech Corporation SC250 Datasheet HTML 13Page - Semtech Corporation SC250 Datasheet HTML 14Page - Semtech Corporation SC250 Datasheet HTML 15Page - Semtech Corporation SC250 Datasheet HTML 16Page - Semtech Corporation SC250 Datasheet HTML 17Page - Semtech Corporation SC250 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Typical Characteristics (Cont.)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1
1.1
1.2
1.3
1.4
1.5
1.6
IOUT (A)
VIN=5.0V
VIN=3.5V
VIN=3.0V
VIN=2.7V
VIN=4.0V
VIN=4.5V
Maximum Output Current, V
OUT = 1.5V
0
5
10
15
20
25
30
35
40
45
50
0
0.1
0.20.3
0.40.5
0.60.7
IOUT (A)
Dropout Voltage vs. Bypass Load Current
1120
1140
1160
1180
1200
1220
1240
1260
1280
-40
-20
0
20
40
60
80
100
120
TJ (°C)
PMOS Current Limit vs. Temperature
1400
1450
1500
1550
1600
1650
1700
-40
-20
0
20
40
60
80
100
120
TJ (°C)
Passthrough Current Limit vs. Temperature
500
550
600
650
700
750
800
850
900
950
1000
1050
1100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
VDAC(V)
Oscillator Frequency vs. V
DAC, VIN = 3.6V
940
960
980
1000
1020
1040
1060
1080
-40
-20
0
20
40
60
80
100
120
140
TJ (°C)
Oscillator Frequency vs. Temperature, V
IN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com