Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2YA Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

S2YA Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # S2YA
Download  S2YA Download
File Size   406.22 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A, 1600V Surface Mount Rectifier

S2YA Datasheet (PDF)

Go To PDF Page Download Datasheet
S2YA Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # S2YA
Download  S2YA Click to download

File Size   406.22 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2A, 1600V Surface Mount Rectifier

S2YA Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


S2YA Product details

FEATURES
Glass passivated chip junction
Ideal for automated placement
Low forward voltage drop
High surge current capability
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free
APPLICATIONS
General purpose
Switching mode converters and inverters
Lighting application




Similar Part No. - S2YA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S2YAH TSC-S2YAH Datasheet
408Kb / 5P
2A, 1600V Surface Mount Rectifier
Version: A2408
More results


Similar Description - S2YA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ES2A-LFR FRONTIER-ES2A-LFR Datasheet
129Kb / 2P
2A FAST EFFICIENT SURFACE MOUNT RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
RS2A-LFR FRONTIER-RS2A-LFR Datasheet
127Kb / 2P
2A FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ABF2010-ABF YFWDIODE-ABF2010-ABF Datasheet
419Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
ABS210 DIODES-ABS210 Datasheet
337Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
T&S Brass. All Rights R...
S2AH TS-S2AH Datasheet
560Kb / 6P
2A, 50V - 1400V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2AH TSC-S2AH Datasheet
560Kb / 6P
2A, 50V - 1400V Surface Mount Rectifier
logo
FutureWafer Tech Co.,Lt...
ES2D FUTUREWAFER-ES2D Datasheet
822Kb / 6P
2A Surface Mount Super Fast Rectifier
ES2DB FUTUREWAFER-ES2DB Datasheet
822Kb / 6P
2A Surface Mount Super Fast Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com