Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2YA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S2YA
Description  2A, 1600V Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S2YA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S2YA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S2YA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S2YA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S2YA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd S2YA Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S2YA
Taiwan Semiconductor
1
Version: A2408
2A, 1600V Surface Mount Rectifier
FEATURES
● Glass passivated chip junction
● Ideal for automated placement
● Low forward voltage drop
● High surge current capability
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● General purpose
● Switching mode converters and inverters
● Lighting application
MECHANICAL DATA
● Case: DO-214AC (SMA)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.061g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
2
A
VRRM
1600
V
IFSM
50
A
TJ MAX
175
°C
Package
DO-214AC (SMA)
Configuration
Single die
DO-214AC (SMA)
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
1600
V
Reverse voltage, total rms value
VR(RMS)
1120
V
Forward current
IF
2
A
Surge peak forward current single half
sine-wave superimposed on rated load
t = 8.3ms
IFSM
50
A
t = 1.0ms
130
Junction temperature
TJ
-40 to +175
°C
Storage temperature
TSTG
-55 to +175
°C


Similar Part No. - S2YA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S2YAH TSC-S2YAH Datasheet
408Kb / 5P
2A, 1600V Surface Mount Rectifier
Version: A2408
More results

Similar Description - S2YA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ES2A-LFR FRONTIER-ES2A-LFR Datasheet
129Kb / 2P
2A FAST EFFICIENT SURFACE MOUNT RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
RS2A-LFR FRONTIER-RS2A-LFR Datasheet
127Kb / 2P
2A FAST RECOVERY SURFACE MOUNT RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ABF2010-ABF YFWDIODE-ABF2010-ABF Datasheet
419Kb / 3P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
ABS210 DIODES-ABS210 Datasheet
337Kb / 5P
2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Rev 3
logo
T&S Brass. All Rights R...
S2AH TS-S2AH Datasheet
560Kb / 6P
2A, 50V - 1400V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S2AH TSC-S2AH Datasheet
560Kb / 6P
2A, 50V - 1400V Surface Mount Rectifier
logo
FutureWafer Tech Co.,Lt...
ES2D FUTUREWAFER-ES2D Datasheet
822Kb / 6P
2A Surface Mount Super Fast Rectifier
ES2DB FUTUREWAFER-ES2DB Datasheet
822Kb / 6P
2A Surface Mount Super Fast Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com