Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6915 Datasheet (PDF) - Analog Microelectronics GmbH

AMS6915 Datasheet PDF - Analog Microelectronics GmbH
Part # AMS6915_V02
Download  AMS6915 Download
File Size   1239.46 Kbytes
Page   14 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description Board Mount Pressure Sensor with Digital I2C Output

AMS6915 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS6915 Datasheet PDF - Analog Microelectronics GmbH

Part # AMS6915_V02
Download  AMS6915 Click to download

File Size   1239.46 Kbytes
Page   14 Pages
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH
Description Board Mount Pressure Sensor with Digital I2C Output

AMS6915 Datasheet (HTML) - Analog Microelectronics GmbH


AMS6915 Product details

FEATURES
 Board mount pressure sensor series with digital I2C output
 Calibrated and temperature compensated
 Differential/relative, bidirectional differential, absolute and barometric sensor versions
 Wide variety of pressure ranges: from 2.5 mbar (250 Pa) up to 16 bar full scale
 Piezoresistive sensor with high precision digital signal conditioning
 Total accuracy < 0.5 %FSO at room temperature for standard pressure ranges
 TEB < 1.0 %FSO (0 … 60 °C) for standard pressure ranges
 High long term stability
 Fast response time (typ. < 1 ms)
 Supply voltage: 3.3 V and 5 V models available
 Digital output via I²C interface: 14 bit for pressure and 11 bit for temperature values
 Programmable I²C-address
 Compact DIP-8 package (width: 0.6 inch)
 Substitute product for Honeywell’s HSC series
 RoHS compliant

TYPICAL APPLICATIONS
 Static and dynamic pressure measurement
 Industrial process control
 Barometric pressure measurement
 Vacuum monitoring
 Gas flow measurement
 Medical instrumentation
 Heating, Ventilation and Air Conditioning (HVAC)




Similar Part No. - AMS6915_V02

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS6915 ANALOGMICRO-AMS6915_V01 Datasheet
1Mb / 14P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 3.0
More results


Similar Description - AMS6915_V02

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics...
AMS5812 ANALOGMICRO-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
Rev. 3.0
AMS5915 ANALOGMICRO-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.0
AMS5935 ANALOGMICRO-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.0
AMS6915 ANALOGMICRO-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 2.0
logo
WOLFSPEED, INC.
AMS5812 WOLFSPEED-AMS5812 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Analog and I2C Output
AMS 5812 Rev. 3.0
AMS5915 WOLFSPEED-AMS5915 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
AMS 5915 Rev. 4.0
AMS5935 WOLFSPEED-AMS5935 Datasheet
1Mb / 16P
Board Mount Pressure Sensor with Digital I2C / SPI Output
AMS 5935 Rev. 1.0
AMS6915 WOLFSPEED-AMS6915 Datasheet
1Mb / 13P
Board Mount Pressure Sensor with Digital I2C Output
AMS 6915 Rev. 2.0
logo
Analog Microelectronics...
AMS5915 ANALOGMICRO-AMS5915_V01 Datasheet
1Mb / 15P
Board Mount Pressure Sensor with Digital I2C Output
Rev. 4.1
AMS5935 ANALOGMICRO-AMS5935_V01 Datasheet
1Mb / 17P
Board Mount Pressure Sensor with Digital I2C / SPI Output
Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com