Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1632 Datasheet (PDF) - Holtek Semiconductor Inc

HT1632 Datasheet PDF - Holtek Semiconductor Inc
Part # HT1632
Download  HT1632 Download
File Size   180.54 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 32x8 & 24x16 LED Driver

HT1632 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1632 Datasheet PDF - Holtek Semiconductor Inc

Part # HT1632
Download  HT1632 Click to download

File Size   180.54 Kbytes
Page   17 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 32x8 & 24x16 LED Driver

HT1632 Datasheet (HTML) - Holtek Semiconductor Inc


HT1632 Product details

General Description
The HT1632 is a memory mapping LED display controller/driver, which can select a number of out bits and commons. These are 32 out bits & 8 commons and 24 out bits & 16 commons. The device supports 16-gradation LEDs for each out line using PWM control with software instructions. A serial interface is conveniently provided for the command mode and data mode. Only three or four lines are required for the interface between the host controller and the HT1632. The display can be extended by cascading the HT1632 for wider applications.

Features
• Operating voltage: 2.4V~5.5V
• Multiple LED display - 32 out bits/8 commons and 24 out bits/16 commons
• Integrated display RAM - select 32 out bits & 8 commons for 64x4 display RAM, or select 24 outbits & 16 commons for 96x4 display RAM
• 16-level PWM brightness control
• Integrated 256kHz RC oscillator
• Serial MCU interface - CS, RD, WR, DATA
• Data mode & command mode instruction
• Cascading function for extended applications (up to 5 HT1632s possible)
• Selectable NMOS open drain output driver and PMOS open drain output driver for commons
• 52-pin QFP package

Applications
• Industrial control indicator
• Digital clock, thermometer, counter, voltmeter
• Instrumentation readouts
• Other consumer application
• LED Displays




Similar Part No. - HT1632

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1632C HOLTEK-HT1632C Datasheet
221Kb / 24P
32x8 & 24x16 LED Driver
June 28, 2011
HT1632C HOLTEK-HT1632C_15 Datasheet
1Mb / 25P
32횞8 & 24횞16 LED Driver
August 19, 2015
More results


Similar Description - HT1632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Holtek Semiconductor In...
HT1622 HOLTEK-HT1622 Datasheet
146Kb / 17P
RAM Mapping 32x8 LCD Controller for I/O xC
April 21, 2000
HT16220 HOLTEK-HT16220 Datasheet
148Kb / 17P
RAM Mapping 32x8 LCD Controller for I/O C
April 21, 2000
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Holtek Semiconductor In...
HT1622 HOLTEK-HT1622_07 Datasheet
155Kb / 13P
RAM Mapping 32x8 LCD Controller for I/O MCU
February 6, 2007
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
logo
Holtek Semiconductor In...
HT1632C HOLTEK-HT1632C Datasheet
221Kb / 24P
32x8 & 24x16 LED Driver
June 28, 2011
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com