Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1632 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT1632
Description  32x8 & 24x16 LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1632 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT1632 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Pin Assignment
Pin Description
Pad Name
I/O
Description
OUTBIT0~OUTBIT23
O
Line drivers. These pins drive the LEDs.
OUTBIT24/COM15~
OUTBIT31/COM8
O
Drive LED output or Common output
COM0~COM7
O
Common outputs
SYNC
I/O
Cascade synchronization input and output
OSC
I/O
If the system clock is is sourced from an external clock source, the external clock
source should be connected to this pad. If the on-chip RC oscillator is selected,
this pad can be connected to a high or low level. If the cascade mode is selected,
this pad is the driver clock signal.
DATA
I/O
Serial data input or output with pull-high resistor
WR
I
WRITE clock input with pull-high resistor Data on the DATA lines are latched into
the HT1632 on the rising edge of the WR signal.
RD
I
READ clock input with pull-high resistor. The HT1632 RAM data is clocked out on
the falling edge of the RD signal. The clocked out data will appear on the DATA
line. The host controller can use the next rising edge to latch the clocked out data.
CS
I
Chip select input with pull-high resistor When the CS line is high, the data and
command read from or written to the HT1632 is disabled, and the serial interface
circuit is also reset. If CS is low, the data and command transmission between the
host controller and the HT1632 are all enabled.
LED_VSS
¾
Negative power supply for driver circuit, ground.
VSS
¾
Negative power supply for logic circuit, ground.
VDD
¾
Positive power supply for logic and driver circuit.
HT1632
Rev. 1.00
2
October 2, 2007
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
3 4
3 5
3 6
3 7
3 8
3 9
4 8
4 9
5 0
5 1
5 2
2 3 2 4 2 5 2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
4 0
4 1
4 2
4 3
4 4
4 5
4 6
4 7
H T 1 6 3 2
5 2 Q F P - A
O U T B I T 1 1
O U T B I T 1 0
O U T B I T 9
O U T B I T 8
O U T B I T 7
O U T B I T 6
O U T B I T 5
O U T B I T 4
L E D _ V S S
O U T B I T 3
O U T B I T 2
O U T B I T 1
O U T B I T 0
O U T B I T 2 3
O U T B I T 2 4 / C O M 1 5
O U T B I T 2 5 / C O M 1 4
O U T B I T 2 6 / C O M 1 3
O U T B I T 2 7 / C O M 1 2
L E D _ V S S
O U T B I T 2 8 / C O M 1 1
O U T B I T 2 9 / C O M 1 0
O U T B I T 3 0 / C O M 9
O U T B I T 3 1 / C O M 8
C O M 7
C O M 6
C O M 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com