Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1632 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1632
Description  32x8 & 24x16 LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1632 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1632 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1632 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+5.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage.............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
5
5.5
V
IDD
Operating Current
5V
No load, LED ON,
on-chip RC oscillator
¾¾
10
mA
ISTB
Standby Current
5V
No load, power down mode
¾¾
10
mA
VIL
Input Low Voltage
5V
DATA, WR,CS,RD
0
¾
1V
VIH
Input High Voltage
5V
DATA, WR,CS,RD
4
¾
5V
IOL1
DATA
5V
VOL=0.5V
1.3
2.6
¾
mA
IOH1
DATA
5V
VOH=4.5V
-0.9
-1.8
¾
mA
IOL2
OSC, SYNC
5V
VOL=0.5V
2.6
5.2
¾
mA
IOH2
OSC, SYNC
5V
VOH=4.5V
-1.8
-3.6
¾
mA
IOL3
Common Sink Current
5V
VOL=0.5V
¾
50
¾
mA
IOH3
Common Source Current
5V
VOH=4.5V
¾-20
¾
mA
IOL4
LED Out Driver
5V
VOL=0.5V
¾
50
¾
mA
RPH
Pull-high Resistor
5V
DATA, WR,CS,RD
10
30
60
k
W
HT1632
Rev. 1.00
3
October 2, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com