Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPNLAS2750MUTAG Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPNLAS2750MUTAG Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPNLAS2750MUTAG
Download  TPNLAS2750MUTAG Download
File Size   3553.53 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual channel SPDT bidirectional analog switch

TPNLAS2750MUTAG Datasheet (PDF)

Go To PDF Page Download Datasheet
TPNLAS2750MUTAG Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPNLAS2750MUTAG
Download  TPNLAS2750MUTAG Click to download

File Size   3553.53 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Dual channel SPDT bidirectional analog switch

TPNLAS2750MUTAG Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPNLAS2750MUTAG Product details

Features

» Low On-resistance, Ron=1.5Q when VCC =5V/

« 1.8V Logic Compatible Control Pin

» High Off-Isolation: -100dB @ 100KHz

'« COM+/- Overrides VCC to Achieve True
Isolation Even When Supply Is Dead

» Low Channel-to-Channel Crosstalk:
-97dB @ 100KHz

« High Bandwidth (-3dB @700MHz) Suitable
For USB2.0 High-Speed Routing

© Low Quiescent Current (<2uA) With Very
Wide Supply Range (1.5V ~ 5.5V)

Applications

' Mobile Phones, Tablets and Notebooks

« Portable media players or Personal media
players.




Similar Part No. - TPNLAS2750MUTAG

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPNLAS3257CMX2TCG TECHPUBLIC-TPNLAS3257CMX2TCG Datasheet
2Mb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
TPNLAS4501DFT2G TECHPUBLIC-TPNLAS4501DFT2G Datasheet
2Mb / 5P
Single-Supply SPST Analog Switches
TPNLAS4501DTT1G TECHPUBLIC-TPNLAS4501DTT1G Datasheet
2Mb / 5P
Single-Supply SPST Analog Switches
TPNLAS4599DFT2G TECHPUBLIC-TPNLAS4599DFT2G Datasheet
2Mb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
TPNLAS4599DTT1G TECHPUBLIC-TPNLAS4599DTT1G Datasheet
2Mb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
More results


Similar Description - TPNLAS2750MUTAG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
Dual SPDT Analog Switch
logo
Texas Instruments
TS3A5223 TI-TS3A5223 Datasheet
871Kb / 14P
0.45ohm Dual SPDT Bidirectional Analog Switch
TS3A5223 TI1-TS3A5223_14 Datasheet
872Kb / 15P
0.45廓 Dual SPDT Bidirectional Analog Switch
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
DUAL SPDT ANALOG SWITCH
logo
Texas Instruments
TS3A5223 TI-TS3A5223_15 Datasheet
852Kb / 14P
0.45廓 Dual SPDT Bidirectional Analog Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
Dual SPDT Analog Switch
10-Mar-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com