Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPNLAS4501DTT1G Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPNLAS4501DTT1G Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPNLAS4501DTT1G
Download  TPNLAS4501DTT1G Download
File Size   2573.16 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Single-Supply SPST Analog Switches

TPNLAS4501DTT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
TPNLAS4501DTT1G Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPNLAS4501DTT1G
Download  TPNLAS4501DTT1G Click to download

File Size   2573.16 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Single-Supply SPST Analog Switches

TPNLAS4501DTT1G Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPNLAS4501DTT1G Product details

Features

o Low On-resistance, Ron=200

« 1.8V Logic Compatible Control Pin

« Overrides VCC to Achieve True Isolation
Even When Supply Is Dead

o High Off-Isolation: -100dB @ 100KHz

« Low Channel-to-Channel Crosstalk:
-97dB @ 100KHz

« High Bandwidth (-3d8 @700MHz) Suitable
For USB2.0 High-Speed Routing

« Low Quiescent Current (<2uA) With Very

Wide Supply Range (1.5V ~ 5.5V)




Similar Part No. - TPNLAS4501DTT1G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPNLAS4501DFT2G TECHPUBLIC-TPNLAS4501DFT2G Datasheet
2Mb / 5P
Single-Supply SPST Analog Switches
More results


Similar Description - TPNLAS4501DTT1G

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
June 2003
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
MAX4591 MAXIM-MAX4591 Datasheet
171Kb / 12P
High-Speed, Single-Supply, Quad, SPST Analog Switches
Rev 0; 2/00
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
Precision, Single-Supply SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4626 MAXIM-MAX4626 Datasheet
142Kb / 8P
0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
logo
Pericom Semiconductor C...
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
Precision, Single-Supply SPST Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
Low-Voltage, Single Supply, SPST, Analog Switches
August 2004
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com