Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPNLAS3257CMX2TCG Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPNLAS3257CMX2TCG Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPNLAS3257CMX2TCG
Download  TPNLAS3257CMX2TCG Download
File Size   2734.29 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH

TPNLAS3257CMX2TCG Datasheet (PDF)

Go To PDF Page Download Datasheet
TPNLAS3257CMX2TCG Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPNLAS3257CMX2TCG
Download  TPNLAS3257CMX2TCG Click to download

File Size   2734.29 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH

TPNLAS3257CMX2TCG Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPNLAS3257CMX2TCG Product details

Features

Low On-resistance, Ron=1.5Q when A=5V

« 1.8V Logic Compatible Control Pin

AOverrides VCC to Achieve True Isolation
Even When Supply Is Dead

« High Off-Isolation: -100dB @ 100KHz

» Low Channel-to-Channel Crosstalk:
-97dB @ 100KHz

« High Bandwidth (-3dB @700MHz) Suitable
For USB2.0 High-Speed Routing

© Low Quiescent Current (<2uA) With Very

Wide Supply Range (1.5V ~ 5.5V)




Similar Part No. - TPNLAS3257CMX2TCG

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPNLAS2750MUTAG TECHPUBLIC-TPNLAS2750MUTAG Datasheet
3Mb / 7P
Dual channel SPDT bidirectional analog switch
TPNLAS4501DFT2G TECHPUBLIC-TPNLAS4501DFT2G Datasheet
2Mb / 5P
Single-Supply SPST Analog Switches
TPNLAS4501DTT1G TECHPUBLIC-TPNLAS4501DTT1G Datasheet
2Mb / 5P
Single-Supply SPST Analog Switches
TPNLAS4599DFT2G TECHPUBLIC-TPNLAS4599DFT2G Datasheet
2Mb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
TPNLAS4599DTT1G TECHPUBLIC-TPNLAS4599DTT1G Datasheet
2Mb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
More results


Similar Description - TPNLAS3257CMX2TCG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
Rev 2
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
Single-Pole Double-Throw Analog Switch
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
Single-Pole Double-Throw Analog Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com