Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM22CWCKGCM2/1500B Datasheet (PDF) - Ashcroft, Inc.

AM22CWCKGCM2/1500B Datasheet PDF - Ashcroft, Inc.
Part # AM22CWCKGCM2/1500B
Download  AM22CWCKGCM2/1500B Download
File Size   2116.91 Kbytes
Page   9 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description ATE-2 Handheld Calibrator

AM22CWCKGCM2/1500B Datasheet (PDF)

Go To PDF Page Download Datasheet
AM22CWCKGCM2/1500B Datasheet PDF - Ashcroft, Inc.

Part # AM22CWCKGCM2/1500B
Download  AM22CWCKGCM2/1500B Click to download

File Size   2116.91 Kbytes
Page   9 Pages
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description ATE-2 Handheld Calibrator

AM22CWCKGCM2/1500B Datasheet (HTML) - Ashcroft, Inc.


AM22CWCKGCM2/1500B Product details

FEATURES
Monitor up to 3 parameters at once: pressure, temperature, voltage or current
Built in data logging up to 16,000 records
SD memory card slot for additional data log storage
USB Communication interface
IP65/NEMA 4X for all weather functionality
Interchangeable pressure module to measure from 0.25 in. H2O up to 10,000 psi

AM2-1, AM2-2 Pressure Modules
FEATURES
Low pressure modules ranges from 0.25 in. H2O (IWC) to 200 in. H2O (IWC), accuracy ±0.1% to ±0.06% of span, variable capacitance sensor, for use with clean dry gas media
Medium/high pressure modules 5 to 10,000 psi, accuracy ±0.1% to ±0.025% of span, 316 Stainless steel isolated sensor, for use with media compatible with 316 Stainless steel
Gauge, absolute, differential and compound ranges available
Temperature compensated 20 °F to 120 °F

AM2-RT1, AM2-RT2 RTD Temperature Modules
FEATURES
Measures temperature with most RTD probes
Supports 2, 3 and 4-wire RTDs
Displays measurement for Farenheit, Celsius, Kelvin Rankine and ohms
Easy configurability to meet application

AM2-TC1 Thermocouple Temperature Modules
FEATURES
Allows ATE-2 to measure temperature with a thermocouple
Pre-programmed to accept 8 most common thermocouple types
Displays measurement for Farenheit, Celsius, Kelvin Rankine and millivolts
Reference junctions: automatic internal or manual external




Similar Part No. - AM22CWCKGCM2/1500B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2210 AITSEMI-AM2210 Datasheet
1Mb / 9P
MOSFET N-CHANNEL ENHANCEMENT MODE
REV1.0
AM2210DR AITSEMI-AM2210DR Datasheet
1Mb / 9P
MOSFET N-CHANNEL ENHANCEMENT MODE
REV1.0
AM2210DVR AITSEMI-AM2210DVR Datasheet
1Mb / 9P
MOSFET N-CHANNEL ENHANCEMENT MODE
REV1.0
logo
Linkage Goston Electron...
AM22A LINKAGE-AM22A Datasheet
5Mb / 14P
High Performance Switch Power Control ChIp
More results


Similar Description - AM22CWCKGCM2/1500B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Analog Devices
HMC851LC3C AD-HMC851LC3C Datasheet
1Mb / 10P
RF ATE Applications
HMC842 AD-HMC842 Datasheet
961Kb / 11P
RF ATE Applications
HMC747LC3C AD-HMC747LC3C Datasheet
638Kb / 8P
RF ATE Applications
logo
Energizer
ENFHHL41E ENERGIZER-ENFHHL41E Datasheet
239Kb / 1P
2-in-1 Handheld Flashlight
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com