Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM22CWCKGCM2/1500B Datasheet(PDF) 6 Page - Ashcroft, Inc.

Part # AM22CWCKGCM2/1500B
Description  ATE-2 Handheld Calibrator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AM22CWCKGCM2/1500B Datasheet(HTML) 6 Page - Ashcroft, Inc.

  AM22CWCKGCM2/1500B Datasheet HTML 1Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 2Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 3Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 4Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 5Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 6Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 7Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 8Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 of 9
ATE-2 Handheld Calibrator
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ate-2_calibrator_ds_RevG_01-31-23
ashcroft.com
| 1.800.328.8258 | Contact Us
FEATURES
Measures temperature with most RTD probes
Supports 2, 3 and 4-wire RTDs
Displays measurement for Farenheit, Celsius, Kelvin
Rankine and ohms
Easy configurability to meet application
PRODUCT SPECIFICATIONS:
Following specification is based on use of 4 wire RTD probe; accuracy does not
include contribution from RT
AM2-RT1 RTD TEMPERATURE MODULE
Used with RTD
Probe Type
Meaurement Range
and Accuracy
Resolution*
Pt100 (385 & 392)
-200 to 550 °C: ±0.15 °C
0.01 °C or °F
Ni 120
-80 to 260 °C: ±0.1 °C
0.1 °C or °F
Cu 10
-70 to 150 °C: ±0.6 °C
0.1 °C or °F
Ohms
±0.01% reading ±0.02 ohms 0.004 ohms
AM2-RT2 RTD TEMPERATURE MODULE
Pt1000
-200 to 550 °C: ±0.15 °C
0.01 °C or °F
Ohms
±0.01% reading ±0.02 ohm 0.004 ohms
* Select from 1, 0.1, 0.01 and 0.001 degrees or ohms. Resolution for a given probe is dependent on
the output of the probe. Maximum resolution is 1 part in 100,000 of full scale ohms Select from
1, 0.1, 0.01 and 0.001 degrees or output for the probe.
Temperature Error:
Better than ±0.0005% of reading per degree Fahrenheit from a reference
temperature of 70 F ±3 °F
Input Receptacle:
TA4F type RTD connector
AM2-RT1, AM2-RT2 RTD Temperature Modules
HOW TO ORDER RTD PROBES
Probes are all 4 wire RTDs with 304 Stainless steel sheath and a TA4F
electrical connector for compatibility with AM2-RT1 interface modules. They
are provided in DIN Class A accuracy.
Part No.
Description
840X010-01
Pt100 (385), 0.125 diameter, 12 inch length, handle
and 5 foot coiled cable
840X010-02
Pt100 (385), 0.25 diameter, 12 inch length, handle
and 5 foot coiled cable
840X010-05
Pt100 (385), 0.125 diameter, 6 inch length, handle
and 5 foot coiled cable
840X010-06
Pt100 (385), 0.25 diameter, 6 inch length, handle
and 5 foot coiled cable
840X010-11
Pt100 (385), 0.125 diameter, 8 inch length, handle
and 5 foot coiled cable
840X010-03
Pt100 (385), 0.125 diameter, 12 inch length, 10 foot
straight extension lead with plug (no handle)
840X010-04
Pt100 (385), 0.25 diameter, 12 inch length, 10 foot
straight extension lead with plug (no handle)
840X010-07
Pt100 (385), 0.125 diameter, 6 inch length, 10 foot
straight extension lead with plug (no handle)
840X010-08
Pt100 (385), 0.25 diameter, 6 inch length, 10 foot
straight extension lead with plug (no handle)
828X136-01
TA4F mating connector for use with HM2-RT1
module and user supplied RTD probe



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com