Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM22CWCKGCM2/1500B Datasheet(PDF) 5 Page - Ashcroft, Inc.

Part # AM22CWCKGCM2/1500B
Description  ATE-2 Handheld Calibrator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AM22CWCKGCM2/1500B Datasheet(HTML) 5 Page - Ashcroft, Inc.

  AM22CWCKGCM2/1500B Datasheet HTML 1Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 2Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 3Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 4Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 5Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 6Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 7Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 8Page - Ashcroft, Inc. AM22CWCKGCM2/1500B Datasheet HTML 9Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 of 9
Data Sheet
ATE-2 Handheld Calibrator
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Quick-Select™ and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks
are the property of their respective owners: 17-4 PH®, VCR®. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. ate-2_calibrator_ds_RevG_01-31-23
ashcroft.com
| 1.800.328.8258 | Contact Us
GAUGE / ABSOLUTE PRESSURE RANGES (*Gauge pressure only) (no absolute)
psi
in. H2O
in Hg
kPa
mbar
cm H2O
mm Hg
bar/
kgcm2
MPa
mm H2O
*5
*100
*10
*25
*250
*250
250
1
1
*3000
10
150
20
40
*300
*300
500
1.6
1.6
5000
15
250
30
60
400
400
750
2.5
2.5
10000
20
300
50
100
500
500
1000
4
4
30
400
100
160
600
600
1500
6
6
50
500
200
250
1000
1000
3000
10
10
60
800
300
400
1600
1600
5000
16
16
100
1000
500
600
2000
2000
25
25
150
1000
2500
2500
40
40
200
4000
4000
60
50
250
5000
5000
100
300
6000
6000
160
500
10000
10000
250
600
400
1000
500
1500
2000
2500
3000
5000
6000
7500
*10000
Vacuum Ranges
10
20
60
600
600
500
0.6
5000
15
30
100
1000
1000
750
1
Compound Pressure Ranges
±5
±100
±10
±25
±300
±300
±300
±0.25
±3000
±10
±250
±20
±40
±600
±600
±500
±0.4
±6000
V15
V400
V30
±60
V1000
V1000
V750
±0.6
V10000
V30
V60
V100
V2000
V2000
V1500
V1
V60
V100
V200
V4000
V4000
V3000
V2
V400
V4
ORDERING CODE
Example:
AM2
2
H
I
G
PSI/
1500
A
Model
AM2 - Medium/High pressure module
AM2
Sensor Type
2 - Piezoresistive sensor
2
Accuracy
B - ±0.1% accuracy (STD.)
C - ±0.05% accuracy (STD.)
D - ±0.025% accuracy (STD.)
F - ±0.1% Enhanced temperature compensation 20 °F to 120 °F
G - ±0.05% Enhanced temperature compensation 20 °F to 120 °F
H - ±0.025% Enhanced temperature compensation 20 °F to 120 °F
H
Media Compatibility
I - Isolated sensor
I
W - Clean to ASME B40-100 Level IV
Pressure Type
G - Gauge
G
A - Absolute
V - Vacuum
C - Compound
Pressure Units
PSI
PSI/
INH2O
INHG
KPA
MBAR
CMH2O
MMHG
BAR
MPA
MMH2O
KGCM2
Ranges (see range table below)
1500
1500
Inlet Fitting
A - 1⁄8 NPT Internal
A
B - 1⁄8 NPT Internal with flush port
C - G 1⁄8 BSP inlet manifold
D - G 1⁄8 BSP inlet w/flush port
*Gauge pressure only and 0.1% accuracy only. Ranges available per unit of measure.
AM2-2 High Pressure Modules



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com