Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BE4M1XXX Datasheet (PDF) - STMicroelectronics

ST7263BE4M1XXX Datasheet PDF - STMicroelectronics
Part # ST7263BE4M1XXX
Download  ST7263BE4M1XXX Download
File Size   2968.99 Kbytes
Page   145 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C

ST7263BE4M1XXX Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7263BE4M1XXX Datasheet PDF - STMicroelectronics

Part # ST7263BE4M1XXX
Download  ST7263BE4M1XXX Click to download

File Size   2968.99 Kbytes
Page   145 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C

ST7263BE4M1XXX Datasheet (HTML) - STMicroelectronics


ST7263BE4M1XXX Product details

Features
■ Memories
– 4, 8, 16 or 32 Kbytes Program memory: high density Flash (HDFlash), or ROM with Readout and Write Protection
– In-application Programming (IAP) and in circuit programming (ICP)
– 384, 512 or 1024 bytes RAM memory (128-byte stack)
■ Clock, reset and supply management
– Run, Wait, Slow and Halt CPU modes
– 12 or 24 MHz oscillator
– RAM retention mode
– Optional low voltage detector (LVD)
■ Universal serial bus (USB) interface
– DMA for low speed applications compliant with USB 1.5 Mbs (version 2.0) and HID specifications (version 1.0)
– Integrated 3.3 V voltage regulator and transceivers
– Supports USB DFU class specification
– Suspend and Resume operations
– 3 endpoints with programmable In/Out
configuration
■ Up to 27 I/O ports
– Up to 8 high sink I/Os (10 mA at 1.3 V)
– 2 very high sink true open drain I/Os (25 mA at 1.5 V)
– Up to 8 lines individually programmable as interrupt inputs
■ 1 analog peripheral
– 8-bit A/D converter with 8 or 12 channels
■ 2 timers
– Programmable watchdog
– 16-bit timer with 2 input Captures, 2 output Compares, PWM output and clock input
■ 2 communication Interfaces
– Asynchronous serial communications interface
– I²C multimaster interface up to 400 kHz
■ Instruction set
– 63 basic instructions
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
■ Development tools
– Versatile development tools (under Windows) including assembler, linker, C compiler, archiver, source level debugger, software library, hardware emulator, programming boards and gang programmers, HID and DFU software layers




Similar Part No. - ST7263BE4M1XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7263BEx STMICROELECTRONICS-ST7263BEx Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
More results


Similar Description - ST7263BE4M1XXX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7261 STMICROELECTRONICS-ST7261 Datasheet
1Mb / 80P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, ROM MEMORY, LVD, WDG, TIMER
Jun-2003
ST7262 STMICROELECTRONICS-ST7262 Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
Rev. 2.2
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
Aug-2000
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I²C
Apr-2003
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
01-Feb-2004
ST7260 STMICROELECTRONICS-ST7260 Datasheet
2Mb / 117P
LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 8K FLASH/ROM AND SERIAL COMMUNICATION INTERFACE (SCI)
02-Nov-2006
ST7262 STMICROELECTRONICS-ST7262_06 Datasheet
1Mb / 139P
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
20-Mar-2006
ST72324LXX STMICROELECTRONICS-ST72324LXX Datasheet
3Mb / 154P
3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
12-Sep-2007
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
12-Jun-2009
ST7260XX STMICROELECTRONICS-ST7260XX Datasheet
1Mb / 139P
Low speed USB 8-bit MCU family with up to 8K Flash
05-Feb-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com