Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL852 Datasheet (PDF) - GENESYS LOGIC

GL852 Datasheet PDF - GENESYS LOGIC
Part # GL852
Download  GL852 Download
File Size   498.16 Kbytes
Page   31 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 MTT HUB Controller

GL852 Datasheet (PDF)

Go To PDF Page Download Datasheet
GL852 Datasheet PDF - GENESYS LOGIC

Part # GL852
Download  GL852 Click to download

File Size   498.16 Kbytes
Page   31 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 MTT HUB Controller

GL852 Datasheet (HTML) - GENESYS LOGIC


GL852 Product details

GENERAL DESCRIPTION
GL852 is Genesys Logic’s brand new Hub solutions which fully comply with Universal Serial Bus Specification Revision 2.0. This series includes GL852.
GL852 embeds an 8-bit RISC processor to manipulate the control/status registers and respond to the requests from USB host. Firmware of GL852 will control its general purpose I/O (GPIO) to access the external EEPROM and then respond to the host the customized PID and VID configured in the external EEPROM. Default settings in the internal mask ROM is responded to the host without having external EEROM. GL852 is designed for customers with much flexibility. The more complicated settings such as PID, VID, and number of downstream ports settings are easily achieved by programming the external EEPROM (Ref. to Chapter 5).
Each downstream port of GL852 supports two-color (green/amber) status LEDs to indicate normal/abnormal status.

FEATURES
• Compliant to USB specification Revision 2.0
   − 4 downstream ports
   − Upstream port supports both high-speed (HS) and full-speed (FS) traffic
   − Downstream ports support HS, FS, and low-speed (LS) traffic
   − 1 control pipe (endpoint 0, 64-byte data payload)
      and 1 interrupt pipe (endpoint 1, 1-byte data payload)
   − Backward compatible to USB specification Revision 1.1
• On-chip 8-bit micro-processor
   − RISC-like architecture
   − USB optimized instruction set
   − Dual cycle instruction execution
   − Performance: 6 MIPS @ 12MHz
   − With 64-byte RAM and 2K internal ROM
   − Support customized PID, VID by reading external EEPROM
   − Support downstream port configuration by reading external EEPROM
• Multiple Transaction translator (MTT)
   − MTT provides respective TT control logics for each downstream port.
      This is a performance better choice for USB 2.0 hub.
• Each downstream port supports two-color status indicator, with automatic
   and manual modes compliant to USB specification Revision 2.0
• Support both individual and gang modes of power management and
   over-current detection for downstream ports
• Support gang mode of power management and over-current detection
   for downstream ports
• Conform to bus power requirements
• Automatic switching between self-powered and bus-powered modes
• Integrate USB 2.0 transceiver
• PLL embedded with external 12 MHz crystal
• Operate on 3.3 Volts
• Embed serial resister for USB signals and integrate pull-up resister
   for upstream USB signal
• Improve output drivers with slew-rate control for EMI reduction
• Internal power-fail detection for ESD recovery
• 64-pin LQFP package , 48-pin LQFP package , 48-pin QFN package
• Applications:
   − Stand-alone USB hub
   − Monitor hub
   − PC motherboard USB hub, Docking of notebook
   − Any compound device to support USB HUB function




Similar Part No. - GL852

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
GL850A-MNGXX GENESYS-GL850A-MNGXX Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
GL850A-MNNXX GENESYS-GL850A-MNNXX Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
GL850A-MSGXX GENESYS-GL850A-MSGXX Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
More results


Similar Description - GL852

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
USB 2.0 HUB CONTROLLER
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
2-Port USB 2.0 Hub Controller
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
USB 2.0 HUB Controller
logo
SMSC Corporation
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
2-Port USB 2.0 Hub Controller
06/23/16
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
Exar Corporation
XR22414DS EXAR-XR22414DS Datasheet
565Kb / 13P
USB 2.0 4-Port MTT Hub
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
USB 3.0 MTT Hub Controller
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com