Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL850G Datasheet (PDF) - GENESYS LOGIC

GL850G Datasheet PDF - GENESYS LOGIC
Part # GL850G
Download  GL850G Download
File Size   314.05 Kbytes
Page   25 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 HUB Controller

GL850G Datasheet (PDF)

Go To PDF Page Download Datasheet
GL850G Datasheet PDF - GENESYS LOGIC

Part # GL850G
Download  GL850G Click to download

File Size   314.05 Kbytes
Page   25 Pages
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC
Description USB 2.0 HUB Controller

GL850G Datasheet (HTML) - GENESYS LOGIC


GL850G Product details

CHAPTER 1   GENERAL DESCRIPTION 

GL850G is Genesys Logic’s advanced version Hub solutions which fully comply with Universal Serial Bus Specification Revision 2.0. GL850G embeds an 8-bit RISC processor to manipulatethe control/status registers and respond to the requests from USB host. Firmware of GL850G will control its general purpose I/O (GPIO) to access the external EEPROM and then respond to the host the customized PID and VID configured in the external EEPROM. Default settings in the internal mask ROM is responded to the host without having external EEROM. GL850G

is designed for customers with much flexibility. The more complicated settings such as PID, VID, and number of downstream ports settings are easily achieved byprogramming the external EEPROM (Ref. to Chapter 5).



•  Compliant to USB specification Revision 2.0

−  Support 4/3/2 downstream ports by I/O pin configuration

−  Upstream port supports both high-speed (HS) and full-speed (FS) traffic

−  Downstream ports support HS, FS, and low-speed (LS)traffic

−  1 control pipe (endpoint 0, 64-byte data payload) and 1 interrupt pipe (endpoint 1, 1-byte data payload)

−  Backward compatible to USB specification Revision 1.1

•  On-chip 8-bit micro-processor

−  RISC-like architecture

−  USB optimized instruction set

−  Performance: 6 MIPS @ 12MHz

−  With 64-byte RAM and 2K mask ROM

−  Support customized PID, VID by reading external EEPROM

−  Support downstream port configuration by reading external EEPROM

•  Single Transaction Translator (STT) 

−  Single TT shares the same TT control logics for alldownstream port devices. This is the most costeffective solution for TT. Multiple TT provides individual TT control logics for each downstream port.This is a performance better choice for USB 2.0 hub. Please refer to GL852 datasheet for more

detailed information.

•  Integrate USB 2.0 transceiver




Similar Part No. - GL850G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
USB 2.0 4-PORT HUB Controller
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
GL850A-MNGXX GENESYS-GL850A-MNGXX Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
GL850A-MNNXX GENESYS-GL850A-MNNXX Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
GL850A-MSGXX GENESYS-GL850A-MSGXX Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
More results


Similar Description - GL850G

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
USB 2.0 HUB CONTROLLER
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
2-Port USB 2.0 Hub Controller
logo
GENESYS LOGIC
GL852 GENESYS-GL852 Datasheet
498Kb / 31P
USB 2.0 MTT HUB Controller
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
logo
SMSC Corporation
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
2-Port USB 2.0 Hub Controller
06/23/16
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
More results




About GENESYS LOGIC


Genesys Logic is a fabless semiconductor company based in Taiwan that specializes in the design and development of USB, USB Type-C, and power delivery controller ICs (integrated circuits). The company was founded in 1997 and has since become a leading provider of USB solutions for various applications such as PCs, smartphones, tablets, and automotive electronics.

Some of Genesys Logic's products include USB 2.0/3.0/3.1/4.0 controllers, USB Type-C controllers, USB Type-C power delivery controllers, USB hubs, card readers, and audio controllers. The company's solutions are widely used in consumer electronics, industrial and automotive applications.

In addition to its USB products, Genesys Logic also offers other IC products such as high-speed digital video/audio processors and memory card controllers. The company is committed to providing innovative and reliable solutions to meet the evolving needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com