Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7472CB Datasheet (PDF) - Analog Devices

EVAL-AD7472CB Datasheet PDF - Analog Devices
Part # EVAL-AD7472CB
Download  EVAL-AD7472CB Download
File Size   711.78 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for 10-/12-Bit High Speed, Low Power ADCs

EVAL-AD7472CB Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-AD7472CB Datasheet PDF - Analog Devices

Part # EVAL-AD7472CB
Download  EVAL-AD7472CB Click to download

File Size   711.78 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for 10-/12-Bit High Speed, Low Power ADCs

EVAL-AD7472CB Datasheet (HTML) - Analog Devices


EVAL-AD7472CB Product details

GENERAL DESCRIPTION
This data sheet describes the evaluation board for the AD7470/AD7472. The AD7470/AD7472 are, respectively, 10-/12-bit, high speed, low power, successive approximation ADCs that operate from a single 2.7 V to 5.25 V supply. Full data on the AD7470/AD7472 is available in the AD7470/AD7472 data sheet available from Analog Devices, Inc. and should be consulted in conjunction with this data sheet when using the evaluation board.
On-board components include an AD780 (a pin programmable +2.5 V or +3 V ultra high precision band gap reference), an AD797 and an AD711 (op amps used to buffer the bipolar and unipolar analog input respectively), and an OP07 (op amp used to buffer the DC bias voltage applied to the optional analog input bias-up circuit). There are various link options, which are explained in detail in the Link and Switch Options section.
Interface to this board is via a 96-way connector. This 96-way connector is compatible with the EVAL-CONTROL BRD2 (also available from Analog Devices). External sockets are provided for the CNVST input, CLKIN input, and the VIN inputs.

FEATURES
   Full-featured evaluation board for the AD7470/AD7472
   Compatible with the EVAL-CONTROL BRD2
   Standalone capability
   On-board analog buffering and reference
   Optional on-board analog bias-up circuit
   Optional on-board burst clock generator circuit
   Various linking options
   PC software for control and data analysis when used with the
      EVAL-CONTROL BRD2




Similar Part No. - EVAL-AD7472CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
197Kb / 16P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
652Kb / 14P
Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV.A
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
EVAL-AD7472CB2 AD-EVAL-AD7472CB2 Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
More results


Similar Description - EVAL-AD7472CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7470CB AD-EVAL-AD7470CB Datasheet
722Kb / 14P
Evaluation Board for 10-bit high speed, low power, successive-approximation ADC
REV.0
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
652Kb / 14P
Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV.A
EVAL-AD7476 AD-EVAL-AD7476 Datasheet
508Kb / 12P
Evaluation Board for 1MSPS, 12-/ 10-Bit ADCs
REV.0
AD7492 AD-AD7492 Datasheet
722Kb / 14P
Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV.A
logo
Maxim Integrated Produc...
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
logo
Analog Devices
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7470 AD-EVAL-AD7470_15 Datasheet
712Kb / 20P
Evaluation Board for 10-/12-Bit High Speed, Low Power ADCs
REV. C
EVAL-AD7472 AD-EVAL-AD7472_15 Datasheet
712Kb / 20P
Evaluation Board for 10-/12-Bit High Speed, Low Power ADCs
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com