Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7492 Datasheet (PDF) - Analog Devices

AD7492 Datasheet PDF - Analog Devices
Part # AD7492
Download  AD7492 Download
File Size   722.61 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for 12-bit high speed, low power, successive-approximation ADC

AD7492 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7492 Datasheet PDF - Analog Devices

Part # AD7492
Download  AD7492 Click to download

File Size   722.61 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for 12-bit high speed, low power, successive-approximation ADC

AD7492 Datasheet (HTML) - Analog Devices


AD7492 Product details

GENERAL DESCRIPTION
The AD7492, AD7492-4, and AD7492-5 are 12-bit high speed, low power, successive approximation ADCs. The parts operate from a single 2.7 V to 5.25 V power supply and feature throughput rates up to 1.25 MSPS. They contain a low noise, wide bandwidth track/hold amplifier that can handle bandwidths up to 10 MHz.

FEATURES
   Specified for VDD of 2.7 V to 5.25 V
   Throughput rate of 1 MSPS (AD7492)
   Throughput rate of 1.25 MSPS (AD7492-5)
   Throughput rate of 400 kSPS (AD7492-4)
   Low power
   4 mW typ at 1 MSPS with 3 V supplies
   11 mW typ at 1 MSPS with 5 V supplies
   Wide input bandwidth
   70 dB typ SNR at 100 kHz input frequency
   2.5 V internal reference
   On-chip CLK oscillator
   Flexible power/throughput rate management
   No pipeline delays
   High speed parallel interface
   Sleep mode: 50 nA typ
   24-lead SOIC and TSSOP packages




Similar Part No. - AD7492

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7492 AD-AD7492 Datasheet
194Kb / 16P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7492 AD-AD7492 Datasheet
374Kb / 25P
1.25 MSPS, 16 mW Internal REF 12-Bit Parallel ADC
5/06-Rev. 0 to Rev. A
AD7492 AD-AD7492 Datasheet
513Kb / 24P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
AD7492AR AD-AD7492AR Datasheet
194Kb / 16P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. 0
AD7492AR AD-AD7492AR Datasheet
513Kb / 24P
1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
REV. A
More results


Similar Description - AD7492

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
631Kb / 6P
12-Bit Successive Approximation High Acquisition A/D Converter
AD7578 AD-AD7578 Datasheet
750Kb / 12P
CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
AD7582 AD-AD7582 Datasheet
811Kb / 12P
CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
EVAL-AD7470CB AD-EVAL-AD7470CB Datasheet
722Kb / 14P
Evaluation Board for 10-bit high speed, low power, successive-approximation ADC
REV.0
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
652Kb / 14P
Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV.A
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
12-Bit Successive Approximation Register
logo
Analog Devices
AD5210 AD-AD5210 Datasheet
7Mb / 8P
12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTERS
2/03-Data Sheet changed from REV. 0 to REV. A.
AD7582KNZ AD-AD7582KNZ Datasheet
2Mb / 12P
CMOS 12-Bit Successive Approximation ADC
REV. B
AD5215 AD-AD5215_15 Datasheet
2Mb / 6P
12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTER
AD7582 AD-AD7582_17 Datasheet
2Mb / 13P
CMOS 12-Bit Successive Approximation ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com