Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-AD7472CB Datasheet (PDF) - Analog Devices

EVAL-AD7472CB Datasheet PDF - Analog Devices
Part # EVAL-AD7472CB
Download  EVAL-AD7472CB Download
File Size   652.77 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for 12-bit high speed, low power, successive-approximation ADC

EVAL-AD7472CB Datasheet (PDF)

Go To PDF Page Download Datasheet
EVAL-AD7472CB Datasheet PDF - Analog Devices

Part # EVAL-AD7472CB
Download  EVAL-AD7472CB Click to download

File Size   652.77 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board for 12-bit high speed, low power, successive-approximation ADC

EVAL-AD7472CB Datasheet (HTML) - Analog Devices


EVAL-AD7472CB Product details

GENERAL DESCRIPTION
The AD7470/AD7472 are 10-bit/12-bit high speed, low power, successive approximation ADCs. The parts operate from a single 2.7 V to 5.25 V power supply and feature throughput rates up to 1.5 MSPS for the 12-bit AD7472 and up to 1.75 MSPS for the 10-bit AD7470. The parts contain a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 1 MHz.
The AD7470/AD7472 use advanced design techniques to achieve very low power dissipation at high throughput rates. With 3 V supplies and 1.5 MSPS throughput rates, the AD7470 typically consumes, on average, just 1.1 mA. With 5 V supplies and 1.75 MSPS, the average current consumption is typically 1.6 mA. The part also offers flexible power/throughput rate management. Operating the AD7470 with 3 V supplies and 500 kSPS throughput reduces the current consumption to 713 µA.
At 5 V supplies and 500 kSPS, the part consumes 944 µA.
It is also possible to operate the parts in an auto sleep mode, where the part wakes up to do a conversion and automatically enters sleep mode at the end of conversion. This method allows very low power dissipation numbers at lower throughput rates. In this mode, the AD7472 can be operated with 3 V supplies at 100 kSPS, and consume an average current of just 124 µA. At 5 V supplies and 100 kSPS, the average current consumption is 171 µA.

FEATURES
   Specified for VDD of 2.7 V to 5.25 V
   1.75 MSPS for AD7470 (10-Bit)
   1.5 MSPS for AD7472 (12-Bit)
   Low Power
      AD7470:
      3.34 mW Typ at 1.5 MSPS with 3 V Supplies
         7.97 mW Typ at 1.75 MSPS with 5 V Supplies
      AD7472:
         3.54 mW Typ at 1.2 MSPS with 3 V Supplies
         8.7 mW Typ at 1.5 MSPS with 5 V Supplies
   Wide Input Bandwidth
   70 dB Typ SNR at 500 kHz Input Frequency
   Flexible Power/Throughput Rate Management
   No Pipeline Delays
   High Speed Parallel Interface
   Sleep Mode: 50 nA Typ
   24-Lead SOIC and TSSOP Packages




Similar Part No. - EVAL-AD7472CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
197Kb / 16P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
711Kb / 20P
Evaluation Board for 10-/12-Bit High Speed, Low Power ADCs
REV. C
EVAL-AD7472CB AD-EVAL-AD7472CB Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit-12-Bit Parallel ADCs
REV. B
EVAL-AD7472CB2 AD-EVAL-AD7472CB2 Datasheet
325Kb / 20P
1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
More results


Similar Description - EVAL-AD7472CB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
631Kb / 6P
12-Bit Successive Approximation High Acquisition A/D Converter
AD7578 AD-AD7578 Datasheet
750Kb / 12P
CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
AD7582 AD-AD7582 Datasheet
811Kb / 12P
CMOS 12-BIT SUCCESSIVE APPROXIMATION ADC
EVAL-AD7470CB AD-EVAL-AD7470CB Datasheet
722Kb / 14P
Evaluation Board for 10-bit high speed, low power, successive-approximation ADC
REV.0
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
12-Bit Successive Approximation Register
logo
Analog Devices
AD7492 AD-AD7492 Datasheet
722Kb / 14P
Evaluation Board for 12-bit high speed, low power, successive-approximation ADC
REV.A
AD5210 AD-AD5210 Datasheet
7Mb / 8P
12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTERS
2/03-Data Sheet changed from REV. 0 to REV. A.
AD7582KNZ AD-AD7582KNZ Datasheet
2Mb / 12P
CMOS 12-Bit Successive Approximation ADC
REV. B
AD5215 AD-AD5215_15 Datasheet
2Mb / 6P
12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTER
AD7582 AD-AD7582_17 Datasheet
2Mb / 13P
CMOS 12-Bit Successive Approximation ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com