Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN1012TRG Datasheet (PDF) - STMicroelectronics

TYN1012TRG Datasheet PDF - STMicroelectronics
Part # TYN1012TRG
Download  TYN1012TRG Download
File Size   251.73 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard 12 A SCRs

TYN1012TRG Datasheet (PDF)

Go To PDF Page Download Datasheet
TYN1012TRG Datasheet PDF - STMicroelectronics

Part # TYN1012TRG
Download  TYN1012TRG Click to download

File Size   251.73 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Standard 12 A SCRs

TYN1012TRG Datasheet (HTML) - STMicroelectronics


TYN1012TRG Product details

Features
On-state RMS current, IT(RMS) 12 A
Repetitive peak off-state voltage, VDRM and
VRRM 600 V, 800 V and 1000 V
Triggering gate current, IGT 5 mA or 15 mA

Description
The standard 12 A SCR series is suitable to fit all
modes of control, found in applications such as
overvoltage crowbar protection, motor control
circuits in power tools and kitchen aids, inrush
current limiting circuits, capacitive discharge
ignition and voltage regulation circuits.
Available in through-hole or surface-mount
packages, they provide an optimized performance
in a limited space.




Similar Part No. - TYN1012TRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN1012TRG STMICROELECTRONICS-TYN1012TRG Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
More results


Similar Description - TYN1012TRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1625 STMICROELECTRONICS-TN1625 Datasheet
108Kb / 9P
16 A standard SCRs
07-Nov-2007
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
Sensitive and Standard 12 A SCRS
08-Mar-2007
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TN1205H-6T STMICROELECTRONICS-TN1205H-6T Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
logo
Littelfuse
S4012DRP LITTELFUSE-S4012DRP Datasheet
854Kb / 8P
Teccor brand Thyristors 12 Amp Standard SCRs
logo
List of Unclassifed Man...
TXN625RG ETC2-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
logo
STMicroelectronics
TXN625RG STMICROELECTRONICS-TXN625RG Datasheet
116Kb / 10P
Standard 25 A SCRs
07-Feb-2012
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
Sensitive and standard 12 A SCRs
12-Oct-2009
TN1205H-6G STMICROELECTRONICS-TN1205H-6G Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
TN2540 STMICROELECTRONICS-TN2540 Datasheet
208Kb / 11P
Standard 25 A SCRs
20-Aug-2014
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com