Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN1012TRG Datasheet(PDF) 2 Page - STMicroelectronics

Part # TYN1012TRG
Description  Standard 12 A SCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN1012TRG Datasheet(HTML) 2 Page - STMicroelectronics

  TYN1012TRG Datasheet HTML 1Page - STMicroelectronics TYN1012TRG Datasheet HTML 2Page - STMicroelectronics TYN1012TRG Datasheet HTML 3Page - STMicroelectronics TYN1012TRG Datasheet HTML 4Page - STMicroelectronics TYN1012TRG Datasheet HTML 5Page - STMicroelectronics TYN1012TRG Datasheet HTML 6Page - STMicroelectronics TYN1012TRG Datasheet HTML 7Page - STMicroelectronics TYN1012TRG Datasheet HTML 8Page - STMicroelectronics TYN1012TRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Characteristics
TN1215, TYN612, TYN812, TYN1012
2/17
DocID7475 Rev 11
1
Characteristics
Table 2. Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
TN1215-x00B
TN1215-x00H
(1) (2)
TN1215-
x00G(1)(2)
TYNx12(2)(3)
TYNx12T(2)(3)
IT(RMS)
On-state RMS current
(180° conduction angle)
TO-220AB ins.
D2PAK
DPAK
IPAK
Tc = 110 °C
12
A
IT(AV)
Average on-state current
(180° conduction angle)
8
ITSM
Non repetitive surge peak
on-state current
tp = 8.3 ms
Tjinitial = 25 °C
115
145
A
tp = 10 ms
110
140
I2tI2t value for fusing
Tjinitial = 25 °C
60
98
A2S
dI/dt
Critical rate of rise of on-
state current
IG = 2 x IGT, tr ≤ 100 ns
F = 60 Hz
Tj = 125 °C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PG(AV) Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VRGM
Maximum peak reverse gate voltage
5
V
1. x00= 600, 800
2. Check Table 1 for devices availability
3. x= 6,8,10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com