Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN1012TRG Datasheet(PDF) 4 Page - STMicroelectronics

Part # TYN1012TRG
Description  Standard 12 A SCRs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN1012TRG Datasheet(HTML) 4 Page - STMicroelectronics

  TYN1012TRG Datasheet HTML 1Page - STMicroelectronics TYN1012TRG Datasheet HTML 2Page - STMicroelectronics TYN1012TRG Datasheet HTML 3Page - STMicroelectronics TYN1012TRG Datasheet HTML 4Page - STMicroelectronics TYN1012TRG Datasheet HTML 5Page - STMicroelectronics TYN1012TRG Datasheet HTML 6Page - STMicroelectronics TYN1012TRG Datasheet HTML 7Page - STMicroelectronics TYN1012TRG Datasheet HTML 8Page - STMicroelectronics TYN1012TRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Characteristics
TN1215, TYN612, TYN812, TYN1012
4/17
DocID7475 Rev 11
Figure 1. Maximum average power dissipation
versus average on-state current
Figure 2. Average and DC on-state current
versus case temperature
Figure 3. Average and DC on-state current
versus ambient temperature (DPAK, D2PAK)
Figure 4. Relative variation of thermal
impedance junction to case versus pulse
duration
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
K=[Z
/R
th(j-c)
th(j-c)]
t (s)
p
Figure 5. Relative variation of thermal
impedance junction to ambient versus pulse
duration
Figure 6. Relative variation of gate trigger,
latching and holding current versus junction
temperature
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K=[Z
/R
th(j-a)
th(j-a)]
t (s)
p
DPAK
TO-220AB / IPAK
DPAK
2
Device mounted on FR4 with
recommended pad layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com