Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7404QPBF Datasheet (PDF) - International Rectifier

IRF7404QPBF Datasheet PDF - International Rectifier
Part # IRF7404QPBF
Download  IRF7404QPBF Download
File Size   260.92 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET ( VDSS = -20V , RDS(on) = 0.040廓 )

IRF7404QPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7404QPBF Datasheet PDF - International Rectifier

Part # IRF7404QPBF
Download  IRF7404QPBF Click to download

File Size   260.92 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET ( VDSS = -20V , RDS(on) = 0.040廓 )

IRF7404QPBF Datasheet (HTML) - International Rectifier


IRF7404QPBF Product details

Description
These HEXFET® Power MOSFETs in package utilize the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of these HEXFET Power MOSFETs are a 150°C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These benefits combine to make this design an extremely efficient and reliable device for use in a wide variety of applications.
The efficient SO-8 package provides enhanced thermal characteristics making it ideal in a variety of power applications. This surface mount SO-8 can dramatically reduce board space and is also available in Tape & Reel.

• Advanced Process Technology
• Ultra Low On-Resistance
• P Channel MOSFET
• Surface Mount
• Available in Tape & Reel
• 150°C Operating Temperature
• Lead-Free




Similar Part No. - IRF7404QPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7404 IRF-IRF7404 Datasheet
163Kb / 8P
HEXFET Power MOSFET
logo
Analog Devices
IRF7404 AD-IRF7404 Datasheet
416Kb / 24P
Thermoelectric Cooler Controller
11/03-Data Sheet Changed from REV. B to REV. C.
IRF7404 AD-IRF7404 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7404 UMW-IRF7404 Datasheet
394Kb / 8P
P-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7404 EVVOSEMI-IRF7404 Datasheet
376Kb / 8P
P-Channel MOSFET
Rev:2023A2
More results


Similar Description - IRF7404QPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF7303PBF IRF-IRF7303PBF Datasheet
230Kb / 9P
HEXFET Power MOSFET (VDSS = 30V , RDS(on) = 0.050廓 )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
IRF7604PBF IRF-IRF7604PBF Datasheet
508Kb / 8P
HEXFET POWER MOSFET ( VDSS = -20V , RDS(on) = 0.09廓 )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com