Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3EQX2064 Datasheet (PDF) - Diodes Incorporated

PI3EQX2064 Datasheet PDF - Diodes Incorporated
Part # PI3EQX2064
Download  PI3EQX2064 Download
File Size   646.58 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB 3.2 Gen 2x2 ReDriver

PI3EQX2064 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3EQX2064 Datasheet PDF - Diodes Incorporated

Part # PI3EQX2064
Download  PI3EQX2064 Click to download

File Size   646.58 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB 3.2 Gen 2x2 ReDriver

PI3EQX2064 Datasheet (HTML) - Diodes Incorporated


PI3EQX2064 Product details

Features
y 5Gbps & 10Gbps Serial Link with Linear Equalizer
y USB 3.2 Gen 2 and Gen 1 Compatible
y USB 3.2 Gen 2x2 Compatible
y Four 10Gbps Differential Signal Pairs
y Pin Adjustable Receiver Equalization
y Pin Adjustable Flat Gain
y 100Ω Differential CML I/Os
y Automatic Receiver Detect
y Auto Slumber Mode for Adaptive Power Management
y Single Supply Voltage: 3.3V
y Patented Technology
y Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y Halogen and Antimony Free. “Green” Device (Note 3)
y For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200,
PPAP capable, and manufactured in IATF 16949
certified facilities), please contact us or your local Diodes
representative.
https://www.diodes.com/quality/product-definitions/
y Packaging (Pb-free & Green available):
à 32-pin, 2.1mm × 4.3mm, UQFN (ZTFA)




Similar Part No. - PI3EQX2064

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX2004 DIODES-PI3EQX2004 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI3EQX2004ZHEX DIODES-PI3EQX2004ZHEX Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI3EQX2024ZTFEX DIODES-PI3EQX2024ZTFEX Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI3EQX2034 DIODES-PI3EQX2034 Datasheet
338Kb / 1P
USB 3.2 Gen 2x2 ReDriver with Integrated USB-C Detector
September 2023 Rev 1
More results


Similar Description - PI3EQX2064

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB7206C MICROCHIP-USB7206C Datasheet
1Mb / 56P
6-Port USB 3.2 Gen 2 Controller Hub
02/28/20
USB7006 MICROCHIP-USB7006 Datasheet
1Mb / 55P
6-Port USB 3.2 Gen 1 Controller Hub
02/28/20
USB7006 MICROCHIP-USB7006_V01 Datasheet
731Kb / 56P
6-Port USB 3.2 Gen 1 SmartHubTMController
09/14/21
USB7016 MICROCHIP-USB7016_V01 Datasheet
771Kb / 60P
6-Port USB 3.2 Gen 1 SmartHubTM Controller
09/14/21
USB7002 MICROCHIP-USB7002_V01 Datasheet
655Kb / 56P
4-Port USB 3.2 Gen 1 SmartHub??IC
DS00002670G (03-03-22)
logo
Texas Instruments
TUSB1004 TI-TUSB1004 Datasheet
1Mb / 53P
TUSB1004 USB 3.2 10 Gbps Quad-Channel Adaptive Linear Redriver
APRIL 2022
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
logo
Diodes Incorporated
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
logo
Kycon, Inc.
KUSB67X-SMTTH-CS4-BTR KYCON-KUSB67X-SMTTH-CS4-BTR Datasheet
220Kb / 2P
USB 3.2 Gen 2, Type C Socket
REV. A1 10/23/19
logo
Microchip Technology
USB5807C MICROCHIP-USB5807C Datasheet
2Mb / 56P
7-Port USB 3.2 Gen 1 SmartHubTM IC
DS00003182B 08-20-21
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com