Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3EQX2034 Datasheet (PDF) - Diodes Incorporated

PI3EQX2034 Datasheet PDF - Diodes Incorporated
Part # PI3EQX2034
Download  PI3EQX2034 Download
File Size   338.39 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB 3.2 Gen 2x2 ReDriver with Integrated USB-C Detector

PI3EQX2034 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3EQX2034 Datasheet PDF - Diodes Incorporated

Part # PI3EQX2034
Download  PI3EQX2034 Click to download

File Size   338.39 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description USB 3.2 Gen 2x2 ReDriver with Integrated USB-C Detector

PI3EQX2034 Datasheet (HTML) - Diodes Incorporated


PI3EQX2034 Product details

Features
ReDriver
y 10Gbps Serial Link with Linear Equalizer
y USB3.2 Gen 2x2
y Four 10Gbps Differential Signal Pairs
y Pin Mode Control for EQ/Flat Gain/Swing
y 100Ω Differential CML I/O’s
y Automatic Receiver Detect
y Single Supply Voltage: 3.3V
Plug-In Detector
y USB Type-C Specification 2.0
y Supports SOURCE (DFP)/DRP Modes
y Auto-Configure Ports Orientation through CC Detection
y Supports VCONN to Power Active Cables and Other Accessories
y Supports Detecting Debug Accessory Mode (DAM) as Source
(Rd /Rd Detection) if Configuring the Port as DFP
y Supports Detecting DAM as both Source & Sink (Rp/Rp detection)
if Configuring the Port as DRP
y DEBUG Pin to Enable SBU Isolation for Compliance Requirement
y Supports Over-Current Protection and Over-Voltage Protection for
VCONN
y Allow Both Pin Control and I2C Interface
y Integrated Power Switches, High-Precision Resistors and
Current Sources for CC Pins
y Provides Support for Default USB Power, 1.5A and 3A SOURCE
Modes w ith Pin C ontrol
y Output Indicator for Plug-In Detection
y Power Saving Mode
y 24V Tolerance on CC1, CC2 and VBUSDET
y Power Supply Range : 3.0V to 5.0V
y Temperature Range: 0oC to 70oC
y Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y Halogen and Antimony Free. “Green” Device (Note 3)
y For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us o r your l ocal D iodes representative.
https://www.diodes.com/quality/product-definitions/
y Packaging (Pb-free & Green):
à 52-pin, 3.5mm x 9mm (ZL)




Similar Part No. - PI3EQX2034

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX2004 DIODES-PI3EQX2004 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI3EQX2004ZHEX DIODES-PI3EQX2004ZHEX Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI3EQX2024ZTFEX DIODES-PI3EQX2024ZTFEX Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI3EQX2064 DIODES-PI3EQX2064 Datasheet
646Kb / 1P
USB 3.2 Gen 2x2 ReDriver
Rev 1 June 2024
More results


Similar Description - PI3EQX2034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX20342 MAXIM-MAX20342 Datasheet
1Mb / 91P
USB Type-C Charger Detector with Integrated OVP
Rev 1; 11/20
logo
Tripp Lite. All Rights ...
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U336-000-GB-CA TRIPPLITE-U336-000-GB-CA Datasheet
171Kb / 3P
USB-C, USB-A to RJ45 Gigabit Ethernet Network Adapter (2xM/F), USB 3.2 Gen 1, Black
logo
Texas Instruments
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
logo
Diodes Incorporated
PI3EQX2024 DIODES-PI3EQX2024 Datasheet
607Kb / 2P
USB 3.2 Gen 2x2, 20Gbps, Linear ReDriver Boosts Signal Quality of Super-Speed USB Type-C Interfaces
PI3EQX10312 DIODES-PI3EQX10312 Datasheet
1Mb / 26P
10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector
Rev 3 - 2 March 2019
logo
Tripp Lite. All Rights ...
U329-000-10G TRIPPLITE-U329-000-10G Datasheet
41Kb / 3P
USB-C to USB-A Adapter (F/M), USB 3.2 Gen 2 (10 Gbps)
logo
Coolgear Inc.
CGL-G2180CMC-03M COOLGEAR-CGL-G2180CMC-03M Datasheet
1Mb / 1P
USB 3.2 Gen 2 180° Male Type-C to Male C
3/17/2023
logo
Kycon, Inc.
KUSB67X-SMTTH-CS4-BTR KYCON-KUSB67X-SMTTH-CS4-BTR Datasheet
220Kb / 2P
USB 3.2 Gen 2, Type C Socket
REV. A1 10/23/19
logo
Coolgear Inc.
USB3-AC2MB COOLGEAR-USB3-AC2MB Datasheet
156Kb / 1P
USB 3.2 GEN 2 TYPE-C MALE TO TYP
REV. A0
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com