Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

114992260 Datasheet (PDF) - AG Electronica

114992260 Datasheet PDF - AG Electronica
Part # 114992260
Download  114992260 Download
File Size   329.73 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description IMX219-77 CÁMARA 77 ° FOV PARA JETSON NANO

114992260 Datasheet (PDF)

Go To PDF Page Download Datasheet
114992260 Datasheet PDF - AG Electronica

Part # 114992260
Download  114992260 Click to download

File Size   329.73 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description IMX219-77 CÁMARA 77 ° FOV PARA JETSON NANO

114992260 Datasheet (HTML) - AG Electronica


114992260 Product details

DESCRIPCIÓN:
Esta es una cámara de 8 megapíxeles con un FOV campo de visión) de 77 grados, que es adecuada para usar con los kits de desarrollo NVIDIA Jetson Nano y NVIDIA Jetson Xavier NX .




Similar Part No. - 114992260

ManufacturerPart #DatasheetDescription
logo
AG Electronica
114992262 AGELECTRONICA-114992262 Datasheet
418Kb / 2P
IMX219-130 CÁMARA 130 ° FOV PARA JETSON NANO
14/11/2022
114992263 AGELECTRONICA-114992263 Datasheet
418Kb / 2P
IMX219-160 CÁMARA 160 ° FOV PARA JETSON NANO
14/11/2022
114992265 AGELECTRONICA-114992265 Datasheet
420Kb / 2P
IMX219-200 CAMERA 200 ° FOV PARA JETSON NANO
14/11/2022
More results


Similar Description - 114992260

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW6342 MOTOROLA-MHW6342 Datasheet
60Kb / 2P
77-Channel(550 MHz) CATV Amplifier
logo
TriQuint Semiconductor
TGS4307-EPU TRIQUINT-TGS4307-EPU Datasheet
187Kb / 9P
77 GHz Transceiver Switch
logo
Powerbox
PBLN12C05CM POWERBOX-PBLN12C05CM Datasheet
717Kb / 3P
77-275 WATTS FLOAT CHARGER LINEAR
logo
TriQuint Semiconductor
TGC4702-FC TRIQUINT-TGC4702-FC Datasheet
239Kb / 13P
77 GHz Down Converting IQ Mixer
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
logo
Emcore Corporation
2809 EMCORE-2809 Datasheet
321Kb / 2P
77 Channel LDS CATV Optical Receiver
logo
Altech corporation
TK77 ALTECH-TK77 Datasheet
84Kb / 1P
POLYSTRENE/ POLYCARBONATE ENCLOSURE TK 77
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
77 GHz Medium Power Amplifier
TGC4702-FC TRIQUINT-TGC4702-FC_15 Datasheet
239Kb / 13P
77 GHz Down Converting IQ Mixer
TGS4307 TRIQUINT-TGS4307_15 Datasheet
308Kb / 9P
77 GHz Transceiver Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com