Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

114992263 Datasheet (PDF) - AG Electronica

114992263 Datasheet PDF - AG Electronica
Part # 114992263
Download  114992263 Download
File Size   418.99 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description IMX219-160 CÁMARA 160 ° FOV PARA JETSON NANO

114992263 Datasheet (PDF)

Go To PDF Page Download Datasheet
114992263 Datasheet PDF - AG Electronica

Part # 114992263
Download  114992263 Click to download

File Size   418.99 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description IMX219-160 CÁMARA 160 ° FOV PARA JETSON NANO

114992263 Datasheet (HTML) - AG Electronica


114992263 Product details

DESCRIPCIÓN:
Esta es una cámara de 8 megapíxeles con un FOV (campo de visión) de 160 grados, que es adecuada para usar con los kits de desarrollo NVIDIA Jetson Nano y NVIDIA Jetson Xavier NX.




Similar Part No. - 114992263

ManufacturerPart #DatasheetDescription
logo
AG Electronica
114992260 AGELECTRONICA-114992260 Datasheet
329Kb / 2P
IMX219-77 CÁMARA 77 ° FOV PARA JETSON NANO
14/11/2022
114992262 AGELECTRONICA-114992262 Datasheet
418Kb / 2P
IMX219-130 CÁMARA 130 ° FOV PARA JETSON NANO
14/11/2022
114992265 AGELECTRONICA-114992265 Datasheet
420Kb / 2P
IMX219-200 CAMERA 200 ° FOV PARA JETSON NANO
14/11/2022
More results


Similar Description - 114992263

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCD-160G160A VISHAY-LCD-160G160A Datasheet
78Kb / 2P
160 x 160 Dots Graphic LCD
01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B Datasheet
81Kb / 2P
160 x 160 Dots Graphic LCD
01-Oct-02
LCD-160X160A VISHAY-LCD-160X160A Datasheet
84Kb / 2P
160 x 160 Dots Graphic LCD
01-Oct-02
LCD-160G160A VISHAY-LCD-160G160A_08 Datasheet
109Kb / 3P
160 x 160 Dots Graphic LCD
01-Oct-02
LCD-160G160B VISHAY-LCD-160G160B_08 Datasheet
112Kb / 3P
160 x 160 Dots Graphic LCD
01-Oct-02
LCD-160H160A VISHAY-LCD-160H160A Datasheet
59Kb / 3P
160 x 160 Graphic LCD
26-Mar-09
logo
LUMEX INC.
LCM-H160160GSF-1 LUMEX-LCM-H160160GSF-1_17 Datasheet
120Kb / 2P
160 X 160 DOT MATRIX GRAPHIC MDD
logo
Vishay Siliconix
LCD-160H160A VISHAY-LCD-160H160A_V01 Datasheet
61Kb / 3P
160 x 160 Graphic LCDs
26-Mar-09
LCD-160H160A VISHAY-LCD-160H160A_V02 Datasheet
62Kb / 3P
160 x 160 Graphic LCD
26-Mar-09
logo
TRACO Electronic AG
TEP160 TRACOPOWER-TEP160 Datasheet
1Mb / 5P
TEP 160 Series, 160 Watt
Rev. November 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com