Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

114992265 Datasheet (PDF) - AG Electronica

114992265 Datasheet PDF - AG Electronica
Part # 114992265
Download  114992265 Download
File Size   420.87 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description IMX219-200 CAMERA 200 ° FOV PARA JETSON NANO

114992265 Datasheet (PDF)

Go To PDF Page Download Datasheet
114992265 Datasheet PDF - AG Electronica

Part # 114992265
Download  114992265 Click to download

File Size   420.87 Kbytes
Page   2 Pages
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica
Description IMX219-200 CAMERA 200 ° FOV PARA JETSON NANO

114992265 Datasheet (HTML) - AG Electronica


114992265 Product details

DESCRIPCIÓN:
Esta es una cámara de 8 megapíxeles con un FOV (campo de visión) de 200 grados, que es adecuada para usar con los kits de desarrollo NVIDIA Jetson Nano y NVIDIA Jetson Xavier NX.




Similar Part No. - 114992265

ManufacturerPart #DatasheetDescription
logo
AG Electronica
114992260 AGELECTRONICA-114992260 Datasheet
329Kb / 2P
IMX219-77 CÁMARA 77 ° FOV PARA JETSON NANO
14/11/2022
114992262 AGELECTRONICA-114992262 Datasheet
418Kb / 2P
IMX219-130 CÁMARA 130 ° FOV PARA JETSON NANO
14/11/2022
114992263 AGELECTRONICA-114992263 Datasheet
418Kb / 2P
IMX219-160 CÁMARA 160 ° FOV PARA JETSON NANO
14/11/2022
More results


Similar Description - 114992265

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FP12-200 TRIAD-FP12-200 Datasheet
44Kb / 1P
FP12-200
FP30-200 TRIAD-FP30-200 Datasheet
43Kb / 1P
FP30-200
FP56-200 TRIAD-FP56-200 Datasheet
44Kb / 1P
FP56-200
FS12-200 TRIAD-FS12-200 Datasheet
42Kb / 1P
FS12-200
FS28-200 TRIAD-FS28-200 Datasheet
43Kb / 1P
FS28-200
VPP12-200 TRIAD-VPP12-200 Datasheet
56Kb / 1P
VPP12-200
logo
SparkFun Electronics
KIT-16389 SPARKFUN-KIT-16389 Datasheet
172Kb / 2P
SparkFun DLI Kit (without Jetson Nano)
3????0
logo
Advantech Co., Ltd.
MIC-710AI ADVANTECH-MIC-710AI Datasheet
597Kb / 2P
AI Inference System based on NVIDIA Jetson® NANO
25-Jul-2022
MIC-710AIL-DVA1 ADVANTECH-MIC-710AIL-DVA1 Datasheet
879Kb / 2P
NVIDIA® Jetson Nano™ Developer Kit
21-Jun-2022
MIC-711D-ON ADVANTECH-MIC-711D-ON Datasheet
780Kb / 2P
NVIDIA® Jetson Orin™ Nano Developer Kit
23-Dec-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com