Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8801 Datasheet (PDF) - Richtek Technology Corporation

RT8801 Datasheet PDF - Richtek Technology Corporation
Part # RT8801
Download  RT8801 Download
File Size   474.16 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface

RT8801 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8801 Datasheet PDF - Richtek Technology Corporation

Part # RT8801
Download  RT8801 Click to download

File Size   474.16 Kbytes
Page   23 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface

RT8801 Datasheet (HTML) - Richtek Technology Corporation


RT8801 Product details

General Description
The RT8801 is a multi-phase synchronous buck controller which is implemented with full control functions for Intel® VR10.0/10.1-compliant CPU. The RT8801 could be operated with 2, 3 or 4 buck switching stages operating in interleaved phase set automatically. The multiphase architecture provides high output current while maintaining low power dissipation on power devices and low stress on input and output capacitors.

Features
● Multi-Phase Power Conversion with Automatic Phase Selection
● 6-bits VRD10.x DAC Output with Active Droop Compensation for Fast Load Transient
● Smooth VCORE Transition at VID Jump
● Power Stage Thermal Balance by DCR Current Sense
● Hiccup Mode Over-Current Protection
● Adjustable Switching Frequency (50kHz to 400kHz per Phase)
● Under-Voltage Lockout and Soft-Start
● High Ripple Frequency Times Channel Number
● 2-wires programming interface
● Software Programmable VID
● 32-Lead VQFN Package
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Intel® VR10.x-compliant Processors Voltage Regulator
● Low Output Voltage, High power density DC-DC Converters
● Voltage Regulator Modules




Similar Part No. - RT8801

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8801B RICHTEK-RT8801B Datasheet
490Kb / 23P
Multi-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface
RT8801BGQV RICHTEK-RT8801BGQV Datasheet
490Kb / 23P
Multi-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface
RT8801BPQV RICHTEK-RT8801BPQV Datasheet
490Kb / 23P
Multi-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface
More results


Similar Description - RT8801

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8801B RICHTEK-RT8801B Datasheet
490Kb / 23P
Multi-Phase PWM Controller for K8 CPU Core Power Supply with Serial Programming Interface
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com