Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9168A Datasheet (PDF) - Richtek Technology Corporation

RT9168A Datasheet PDF - Richtek Technology Corporation
Part # RT9168A
Download  RT9168A Download
File Size   155.15 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 200mA/500mA Fixed Output Voltage LDO Regulator

RT9168A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9168A Datasheet PDF - Richtek Technology Corporation

Part # RT9168A
Download  RT9168A Click to download

File Size   155.15 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 200mA/500mA Fixed Output Voltage LDO Regulator

RT9168A Datasheet (HTML) - Richtek Technology Corporation


RT9168A Product details

General Description

The RT9168/A is a 200mA/500mA low dropout and micropower regulator suitable for portable applications. The output voltages range from 1.5V to 5.0V in 100mV increments and 2% accuracy. The RT9168/A is designed for use with very low ESR capacitors. The output remains stable even with a 1μF ceramic output capacitor.



Features

Stable with Low-ESR Output Capacitor

Low Dropout Voltage (220mV at 200mA)

Low Operation Current −80μA Typical

Shutdown Function

Low Temperature Coefficient

Current and Thermal Limiting

Custom Voltage Available

SOT-23-5and SOP-8 Packages

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Cellular Telephones

Laptop, Notebook, and Palmtop Computers

Battery-powered Equipment

Hand-held Equipment




Similar Part No. - RT9168A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9168A ETC-RT9168A Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-15CBR ETC-RT9168A-15CBR Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-15CS ETC-RT9168A-15CS Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-15CSH ETC-RT9168A-15CSH Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
RT9168A-16CBR ETC-RT9168A-16CBR Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
More results


Similar Description - RT9168A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
logo
Microchip Technology
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com