Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9168A Datasheet (PDF) - List of Unclassifed Manufacturers

RT9168A Datasheet PDF - List of Unclassifed Manufacturers
Part # RT9168A
Download  RT9168A Download
File Size   236.29 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR

RT9168A Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9168A Datasheet PDF - List of Unclassifed Manufacturers

Part # RT9168A
Download  RT9168A Click to download

File Size   236.29 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR

RT9168A Datasheet (HTML) - List of Unclassifed Manufacturers


RT9168A Product details

[Richtek]



General Description

The RT9168/A is a 200mA/500mA low dropout and micropower regulator suitable for portable applications. The output voltages range from 1.5V to 5.0V in 100mV increments and 2% accuracy. The RT9168/A is designed for use with very low ESR capacitors. The output remains stable even with a 1μF ceramic output capacitor.



Features

• Stable with Low-ESR Output Capacitor

• Low Dropout Voltage (220mV at 200mA)

• Low Operation Current −80μA Typical

• Shutdown Function

• Low Temperature Coefficient

• Current and Thermal Limiting

• Custom Voltage Available

• SOT-23-5 and SOP-8 Packages

• RoHS Compliant and 100% Lead (Pb)-Free



Applications

• Cellular Telephones

• Laptop, Notebook, and Palmtop Computers

• Battery-powered Equipment

• Hand-held Equipment



 




Similar Part No. - RT9168A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9168A RICHTEK-RT9168A Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GBR RICHTEK-RT9168A15GBR Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GS RICHTEK-RT9168A15GS Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15GSH RICHTEK-RT9168A15GSH Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
RT9168A15PBR RICHTEK-RT9168A15PBR Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
More results


Similar Description - RT9168A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
logo
Linear Technology
LT3645 LINER-LT3645 Datasheet
301Kb / 24P
36V 500mA Step-Down Regulator and 200mA LDO
logo
Microchip Technology
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com