Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9245C Datasheet (PDF) - Richtek Technology Corporation

RT9245C Datasheet PDF - Richtek Technology Corporation
Part # RT9245C
Download  RT9245C Download
File Size   544.76 Kbytes
Page   25 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Multi-Phase PWM Controller for CPU Core Power Supply

RT9245C Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9245C Datasheet PDF - Richtek Technology Corporation

Part # RT9245C
Download  RT9245C Click to download

File Size   544.76 Kbytes
Page   25 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Multi-Phase PWM Controller for CPU Core Power Supply

RT9245C Datasheet (HTML) - Richtek Technology Corporation


RT9245C Product details

General Description

RT9245C is a multi-phase buck DC/DC controller integrated with all control functions for AMD K8 CPU or Intel® GHz CPU which is VRD10.x-compliant. The RT9245C could be operated with 2, 3 or 4 buck switching stages operating in interleaved phase set automatically. The multiphase architecture provides high output current while maintaining low power dissipation on power devices and low stress on input and output capacitors. The high equivalent operating frequency also reduces the component dimension and the output voltage ripple in load transient.



Features

Multi-Phase Power Conversion with Automatic Phase Selection

6-bits VRD10.x or 5-bit K8 DAC Output with Active Droop Compensation for Fast Load Transient

Smooth VCORETransition at VID Jump

Power Stage Thermal Balance by DCR Current Sense

Hiccup Mode Over-Current Protection

Programmable Switching Frequency (50kHz to 400kHz per Phase), Under-Voltage Lockout and SoftStart

High Ripple Frequency Times Channel Number

28-TSSOP Package

RoHS Compliant and 100% Lead (Pb)-Free



Applications

Intel® Processors Voltage Regulator : VRD10.x and AMD K8

Low Output Voltage, High Current DC-DC Converters

Voltage Regulator Modules




Similar Part No. - RT9245C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245A RICHTEK-RT9245A Datasheet
543Kb / 25P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245AGC RICHTEK-RT9245AGC Datasheet
543Kb / 25P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245APC RICHTEK-RT9245APC Datasheet
543Kb / 25P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245B RICHTEK-RT9245B Datasheet
584Kb / 23P
Multi-Phase PWM Controller for K8 CPU Core Power Supply
More results


Similar Description - RT9245C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246 RICHTEK-RT9246 Datasheet
382Kb / 17P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com