Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9256 Datasheet (PDF) - Richtek Technology Corporation

RT9256 Datasheet PDF - Richtek Technology Corporation
Part # RT9256
Download  RT9256 Download
File Size   373.6 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Actively Alternative Mode Two-Phase / Dual Switching PWM Controller

RT9256 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9256 Datasheet PDF - Richtek Technology Corporation

Part # RT9256
Download  RT9256 Click to download

File Size   373.6 Kbytes
Page   18 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Actively Alternative Mode Two-Phase / Dual Switching PWM Controller

RT9256 Datasheet (HTML) - Richtek Technology Corporation


RT9256 Product details

General Description
The RT9256 is an analogous current mode design and is specifically promoted for high power density consideration platform with MLCC capacitor attached, such as high-end add-on graphic card core power and DDR SDRAM core power, etc. A highlight for RT9256 is the RichTek’ s new innovation of actively alternative mode operation two-phase power conversion or dual PWM controller operation. Based on above innovation architecture, the RT9256 provides more flexibility and higher performance to customer application.

Features
• Analogous Current Mode Design
• Innovative Design for Actively Alternative Mode Operation :
    ► Two-Phase Power Conversion
    ► Dual PWM Controllers
• 2.5V to 12V Switching Source Power
• 0.8V to 3.3V Output Voltage Regulation
• Multiple Power Sourcing for Power Budget Limitation
• Adjustable VIN Feed-Forward Ramp Slope
• Adjustable Operation Frequency
• Precision Core Voltage Regulation
• Precision DCR Current Sensing (with High Quality Capacitor, X7R)
• ±1% VREF Accuracy
• Input Voltage : 12V or 5V Bias
• Enable and PGOOD Function for SequencingConcerned Power
• Over Current Protection
• Over Voltage Protection
• External Soft Start Setting
• Operation Frequency Up to 1.0MHz Per Channel
• 32-Lead VQFN Package
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Add-on graphic core power card
• DDR SDRAM core power
• Gaming Console
• High power density consideration platform
• Desktop/motherboard high power devices
• Power sequencing-concerned power application




Similar Part No. - RT9256

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259AGS RICHTEK-RT9259AGS Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259APS RICHTEK-RT9259APS Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
More results


Similar Description - RT9256

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2645 NSC-LM2645 Datasheet
497Kb / 20P
Advanced Two-Phase Switching Controller With Two Linear Outputs
logo
Semtech Corporation
SC2642 SEMTECH-SC2642 Datasheet
110Kb / 10P
Multi-Platform Two-Phase PWM Controller
logo
ON Semiconductor
NCP5331 ONSEMI-NCP5331 Datasheet
424Kb / 38P
Two-Phase PWM Controller with Integrated Gate Drivers
June, 2003 - Rev. 11
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
logo
Richtek Technology Corp...
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
Two Phase General Purpose PWM Controller
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
RT8167A RICHTEK-RT8167A_14 Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8172A RICHTEK-RT8172A Datasheet
494Kb / 40P
Dual Single-Phase PWM Controller
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com