Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9273 Datasheet (PDF) - Richtek Technology Corporation

RT9273 Datasheet PDF - Richtek Technology Corporation
Part # RT9273
Download  RT9273 Download
File Size   297.37 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Performance, OLED LED Driver for Dual Panel Mobile Phone

RT9273 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9273 Datasheet PDF - Richtek Technology Corporation

Part # RT9273
Download  RT9273 Click to download

File Size   297.37 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description High Performance, OLED LED Driver for Dual Panel Mobile Phone

RT9273 Datasheet (HTML) - Richtek Technology Corporation


RT9273 Product details

General Description
The RT9273 is a high efficiency step-up DC-DC converter specifically designed for dual panel mobile phone applications.
According to SP status, RT9273 can either regulates output current flowing through series-connected LEDs or regulate output voltage applying to OLED with a common output LC filter. This along with compact VDFN-10L 3x3 package and high switching frequency allows less part count and smaller external components for space and cost saving.

Features
• Lion-Battery operating Range : 2.7V to 4.5V
• Maximum Output Voltage Up to 16V
• Share One Set of Inductor and Schottky Diode for 2 Channels
• Programmable Dimming Function by EN pin with 200Hz to 1kHz
• Internal Soft-Start Function to Avoid PWM Dimming Noise.
• Zero Shut Down Supply Current
• Complete Protection : OVP, OCP, OTP and SS
• RoHS Compliant and 100% Lead (Pb)-Free

Applications
• Dual panel mobile phone, with LED backlight




Similar Part No. - RT9273

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9270 RICHTEK-RT9270 Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9270GF RICHTEK-RT9270GF Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9270PF RICHTEK-RT9270PF Datasheet
290Kb / 13P
High Performance, Low Noise Boost Converter
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
RT9271GB RICHTEK-RT9271GB Datasheet
339Kb / 15P
White LED Step-Up Converter in Tiny Package
More results


Similar Description - RT9273

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1601MUV ROHM-BD1601MUV Datasheet
329Kb / 6P
6-Parallel white-LED Driver for mobile phone
BD1604MVV ROHM-BD1604MVV Datasheet
322Kb / 6P
4-Parallel white-LED Driver for mobile phone
BD1606MVV ROHM-BD1606MVV Datasheet
335Kb / 6P
6-Parallel white-LED Driver for mobile phone
logo
Aimtron Technology
AT5560 AIMTRON-AT5560 Datasheet
331Kb / 10P
VCM Driver for Mobile Phone
logo
Richtek Technology Corp...
RT9272 RICHTEK-RT9272 Datasheet
176Kb / 11P
High Performance, Constant Current LED Driver for Dual Panel Mobile Phone
logo
Silicon Touch Technolog...
11-MD114 SITI-11-MD114 Datasheet
228Kb / 12P
Motor Driver for Mobile Phone
11-MD115 SITI-11-MD115 Datasheet
261Kb / 17P
VCM Driver for Mobile Phone
11-MD215 SITI-11-MD215 Datasheet
209Kb / 10P
VCM Driver for Mobile Phone
logo
Rohm
BD1604MUV ROHM-BD1604MUV_1 Datasheet
282Kb / 5P
4-Parallel white-LED Driver for mobile phone
BD2812GU ROHM-BD2812GU Datasheet
132Kb / 5P
RGB Illumination LED Driver for mobile phone
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com