Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDNC2FD7VB Datasheet (PDF) - TECH PUBLIC Electronics co LTD

PESDNC2FD7VB Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # PESDNC2FD7VB
Download  PESDNC2FD7VB Download
File Size   1328.86 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description I-Line Bi-directional TVS Diode

PESDNC2FD7VB Datasheet (PDF)

Go To PDF Page Download Datasheet
PESDNC2FD7VB Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # PESDNC2FD7VB
Download  PESDNC2FD7VB Click to download

File Size   1328.86 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description I-Line Bi-directional TVS Diode

PESDNC2FD7VB Datasheet (HTML) - TECH PUBLIC Electronics co LTD


PESDNC2FD7VB Product details

Features

® Ultra small package: 1.0x0.6x0.5mm

@ Ultra low capacitance: 20pF max

© Ultra low leakage: nA level

® Low operating voltage: +7V.

® Low clamping voltage

® 2-pin leadless package

® Complies with following standards:

@ — IEC 61000-4-2 (ESD) immunity test
Air discharge: £30KV
Contact discharge: 30kV

‘@ — IEC61000-4-5 (Lightning) 6A (8/20ps)

® RoHS Compliant

® Lead Finish: NiPdAu




Similar Part No. - PESDNC2FD7VB

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESDNC2FD12VB LEIDITECH-PESDNC2FD12VB Datasheet
1Mb / 4P
BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
PESDNC2FD12VBH LEIDITECH-PESDNC2FD12VBH Datasheet
1Mb / 4P
BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
logo
Goodwork Semiconductor ...
PESDNC2FD12VBHD2 GWSEMI-PESDNC2FD12VBHD2 Datasheet
598Kb / 5P
Bi-directional 12V Normal Capacitance ESD Protecto r
logo
Shanghai Leiditech Elec...
PESDNC2FD5VB LEIDITECH-PESDNC2FD5VB Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
Guangdong Youtai Semico...
PESDNC2FD5VB UMW-PESDNC2FD5VB Datasheet
452Kb / 4P
80W peak pulse power per line (tP = 8/20μs)
More results


Similar Description - PESDNC2FD7VB

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8231A AOSMD-AOZ8231A Datasheet
348Kb / 7P
One-line Bi-directional TVS Diode
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com