Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XS9971 Datasheet (PDF) - ShenZhen ChipSourceTek Technology Co.,Ltd.

XS9971 Datasheet PDF - ShenZhen ChipSourceTek Technology Co.,Ltd.
Part # XS9971
Download  XS9971 Download
File Size   747.49 Kbytes
Page   10 Pages
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.
Description LOW-EMI Class AB/D Audio Power Amplifier

XS9971 Datasheet (PDF)

Go To PDF Page Download Datasheet
XS9971 Datasheet PDF - ShenZhen ChipSourceTek Technology Co.,Ltd.

Part # XS9971
Download  XS9971 Click to download

File Size   747.49 Kbytes
Page   10 Pages
Manufacturer  CHIPSOURCETEK [ShenZhen ChipSourceTek Technology Co.,Ltd.]
Direct Link  https://www.chipsourcetek.com/
Logo CHIPSOURCETEK - ShenZhen ChipSourceTek Technology Co.,Ltd.
Description LOW-EMI Class AB/D Audio Power Amplifier

XS9971 Datasheet (HTML) - ShenZhen ChipSourceTek Technology Co.,Ltd.


XS9971 Product details

XS9971General Description
The XS9971 is an audio power amplifier primarily designed for demanding applications in low-power
portable systems. It is capable of delivering 5.5 watts of continuous average power to a 2Ω BTL load with less
than 10% distortion (THD) from a 5.5VDC power supply.
The XS9971 does not require output coupling capacitors or bootstrap capacitors, and therefore is ideally
suited for mobile phone and other low voltage applications where minimal power consumption is a primary
requirement.
The XS9971 contains advanced pop & click circuitry which eliminates noise which would otherwise occur
during turn-on and turn-off transitions. The XS9971 is unity-gain stable and can be configured by external
gain-setting resistors. The XS9971 integrates overheating protection mechanism, The XS9971 is unity-gain
stable and can be configured by external gain-setting resistors.
The XS9971 can provide your USB subwoofer, radio, MP3 player, and loudspeaker perfect solution.




Similar Part No. - XS9971

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XS9C11RPBL01MEX SCHNEIDER-XS9C11RPBL01MEX Datasheet
96Kb / 2P
rotation monitoring hazardous area - 40x40x15 - Sn 15mm - NC - M12 connector
Jan 7, 2021
XS9E11RPBL01MEX SCHNEIDER-XS9E11RPBL01MEX Datasheet
83Kb / 2P
rotation monitoring hazardous area - 26x26x13- Sn 10mm - NC - M12 connector
JAN 07, 2021
More results


Similar Description - XS9971

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
1W Class AB Audio Power Amplifier
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8005 YONGFUKANG-CSC8005 Datasheet
226Kb / 5P
AB/D class switching audio power amplifier
NS4110B YONGFUKANG-NS4110B Datasheet
1Mb / 9P
NS4110B Ultra Low EMI, Differential Input, 20W Mono AB/D Class Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2230 AITSEMI-A2230 Datasheet
822Kb / 9P
AUDIO AMPLIFIER 1.7W CLASS-AB
REV2.1
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
Class AB Audio Amplifier
2014 V1.1
logo
Shenzhen Naxinwei Techn...
NS4160 NSIWAY-NS4160 Datasheet
625Kb / 14P
Class AB/Class D switching, ultra-low EMI, no filter required, 5W mono audio amplifier
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com