Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4013B Datasheet (PDF) - Silicon Supplies

CD4013B Datasheet PDF - Silicon Supplies
Part # CD4013B
Download  CD4013B Download
File Size   318.73 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS High Voltage Logic

CD4013B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4013B Datasheet PDF - Silicon Supplies

Part # CD4013B
Download  CD4013B Click to download

File Size   318.73 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS High Voltage Logic

CD4013B Datasheet (HTML) - Silicon Supplies


CD4013B Product details

Features
High Input Voltage up to 20V
Symmetrical Output Characteristics
Max input current 1μA at 18V over full Military
Temperature Range
Set-Reset Capability & Static Flip-Flop Operation
Drives x2 Low–power TTL or x1 LSTTL Load
Direct drop-in replacement for obsolete
components in long term programs.




Similar Part No. - CD4013B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4013B TI-CD4013B Datasheet
518Kb / 12P
CMOS DUAL D-TYPE FLIP-FLOP
CD4013B TI-CD4013B Datasheet
1Mb / 17P
CMOS Dual D - Type Flip-Flop
logo
Silicon Supplies
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
logo
Texas Instruments
CD4013B-MIL TI1-CD4013B-MIL Datasheet
1Mb / 17P
CMOS Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC Datasheet
74Kb / 6P
Dual D-Type Flip-Flop
More results


Similar Description - CD4013B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com