Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4013B Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4013B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4013B Datasheet(HTML) 4 Page - Silicon Supplies

  CD4013B Datasheet HTML 1Page - Silicon Supplies CD4013B Datasheet HTML 2Page - Silicon Supplies CD4013B Datasheet HTML 3Page - Silicon Supplies CD4013B Datasheet HTML 4Page - Silicon Supplies CD4013B Datasheet HTML 5Page - Silicon Supplies CD4013B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
CMOS High Voltage Logic – CD4013B
Rev 1.0
21/11/17
 
LIMITS
 
DC Electrical Characteristics Continued (Voltages referenced to V
SS)
PARAMETER
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
SYMBOL
VDD
CONDITIONS
UNITS
FULL RANGE
4
25°C
85°C
VIL = 1.5V,
5V
VIH =3.5V,
IO = -1µA
4.5
4.5
4.5
VIL = 3.0V,
10V
VIH =7.0V,
IO = -1µA
9.0
9.0
9.0
Minimum High-Level
Output Voltage
VOH
V
VIL = 4.0V,
15V
VIH =11.0V,
IO = -1µA
13.5
13.5
13.5
5V
VIN = VSS or VDD
0.05
0.05
0.05
10V
VIN = VSS or VDD
0.05
0.05
0.05
Maximum Low-Level
Output Voltage
VOL
V
15V
VIN = VSS or VDD
0.05
0.05
0.05
VIL = 1.5V,
5V
VIH =3.5V,
IO = 1µA
0.5
0.5
0.5
VIL = 3.0V,
10V
VIH =7.0V,
IO = 1µA
1.0
1.0
1.0
Maximum Low-Level
Output Voltage
VOL
V
15V
VIL = 4.0V,
VIH =11.0V,
IO = 1µA
1.5
1.5
1.5
Maximum Input
Leakage Current
IIN
18V
VIN = VSS or VDD
±0.1
±0.1
±1.0
µA
5V
1
30
30
10V
2
60
60
15V
4
120
120
Maximum Quiescent
Supply Current
IDD
VIN = VSS or VDD
20
20V
600
600
µA
5V
VIN = VSS or VDD,
VOL = 0.4V
0.51
0.42
0.36
10V
VIN = VSS or VDD,
VOL = 0.5V
1.3
1.1
0.9
Minimum Output
Low (Sink) Current
IOL
mA
VIN = VSS or VDD,
15V
VOL = 1.5V
3.4
2.8
2.4
VIN = VSS or VDD,
5V
VOH = 2.5V
-1.6
-1.3
-1.15
VIN = VSS or VDD,
5V
VOH = 4.6V
-0.51
-0.42
-0.36
10V
VIN = VSS or VDD,
VOH = 9.5V
-1.3
-1.1
-0.9
Minimum Output
High (Source)
IOH
Current
mA
VIN = VSS or VDD,
15V
VOH = 13.5V
-3.4
-2.8
-2.4
Page 4 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com