Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4013B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4013B
Description  CMOS High Voltage Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4013B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4013B Datasheet HTML 1Page - Silicon Supplies CD4013B Datasheet HTML 2Page - Silicon Supplies CD4013B Datasheet HTML 3Page - Silicon Supplies CD4013B Datasheet HTML 4Page - Silicon Supplies CD4013B Datasheet HTML 5Page - Silicon Supplies CD4013B Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4013B
Rev 1.0
21/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
Q1
0.108
0.372
2
Q1
0.222
0.113
3
CLOCK 1
0.550
0.113
4
RESET 1
0.833
0.113
5
D1
1.074
0.113
6
SET 1
1.191
0.338
7
VSS
1.191
0.700
8
SET 2
1.191
1.062
9
D2
1.074
1.287
10
RESET 2
0.833
1.287
11
CLOCK 2
0.550
1.287
12
Q2
0.222
1.287
13
Q2
0.108
1.028
14
VDD
0.108
0.698
CONNECT CHIP BACK TO VDD OR FLOAT
 
Pad Layout and Functions
Logic Diagram
Truth Table
1400µm (55.12 mils)
0,0
12
13
11
10
9
8
4
3
2
1
DIE ID
7
6
5
14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com