Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDU-12840 Datasheet (PDF) - Belden Inc.

PDU-12840 Datasheet PDF - Belden Inc.
Part # PDU-12840
Download  PDU-12840 Download
File Size   131.36 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PDU Mon Unit Disp V Env Upg 230V 32A 2PE (36)C13(6)C19

PDU-12840 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDU-12840 Datasheet PDF - Belden Inc.

Part # PDU-12840
Download  PDU-12840 Click to download

File Size   131.36 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description PDU Mon Unit Disp V Env Upg 230V 32A 2PE (36)C13(6)C19

PDU-12840 Datasheet (HTML) - Belden Inc.


PDU-12840 Product details

Product Description
Monitored, Unit Level EC, Upgradeable, 32A, 230V, Vertical, (36) IEC C13, (6) IEC C19, breakered, 3 m power cord with 2P+E (IP44), Input power monitoring
with breaker level current monitoring. Environmental monitoring via optional remote sensors. Daisy chain Ethernet connectivity. Local high visibility LED display.
Powder Coat.




Similar Part No. - PDU-12840

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
PDU-12858 BELDEN-PDU-12858 Datasheet
140Kb / 2P
PDU SW Unit Disp V Env Upg 230V 32A 2PE (20)LC13(4)LC19
05-31-2024
More results


Similar Description - PDU-12840

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUMH32HVAT TRIPPLITE-PDUMH32HVAT Datasheet
516Kb / 3P
TAA-Compliant 7.4kW Single-Phase ATS/Metered PDU, 230V Outlets (16 C13 & 2 C19), 2 IEC309 32A Blue Cords, 2U Rack-Mount
PDU3XEVSR6G32B TRIPPLITE-PDU3XEVSR6G32B Datasheet
177Kb / 5P
22.2kW 3-Phase Switched PDU, LX Platform Interface, 220/230V Outlets (24 C13/6 C19), Touchscreen LCD, IEC 309 32A Red 380/400V, 0U, TAA
PDU3XMV6G32 TRIPPLITE-PDU3XMV6G32 Datasheet
162Kb / 3P
3-Phase Metered PDU, 22.2kW, 42 220/230V outlets (36 C13, 6 C19), IEC309 32A Red (3PNE) 380/400V input, 0u vertical, TAA
PDU3XVSR6G32A TRIPPLITE-PDU3XVSR6G32A Datasheet
171Kb / 4P
22.1kW 3-Phase Switched PDU, 220/230V (12 C13 & 12 C19), IEC309 32A Red, 380/400V Input, 6ft Cord, 0U Vertical
PDUMH32HV TRIPPLITE-PDUMH32HV Datasheet
163Kb / 3P
7.4kW Single-Phase Metered PDU, 230V Outlets (2-C19, 16-C13), IEC-309 230V 32A Blue, 12ft Cord, 2U Rack-Mount, TAA
PDUMNV32HV2LX TRIPPLITE-PDUMNV32HV2LX Datasheet
188Kb / 4P
7.4kW Single-Phase Monitored PDU, LX Interface, 230V Outlets (36 C13/6 C19), IEC 309 32A Blue, 10 ft. Cord, 0U 1.8m/70 in. Height, TAA
logo
Schneider Electric
AP8953 SCHNEIDER-AP8953 Datasheet
56Kb / 2P
Rack PDU 2G, Switched, ZeroU, 32A, 230V, (21) C13 & (3) C19
Oct 25, 2017
AP4424 SCHNEIDER-AP4424 Datasheet
77Kb / 2P
Rack ATS, 230V, 32A, IEC 309 in, (16) C13 (2) C19 out
08-10-2020
AP8853 SCHNEIDER-AP8853 Datasheet
64Kb / 2P
Rack PDU 2G, Metered, ZeroU, 32A, 230V,(36) C13 & (6) C19
Oct 8, 2020
AP8868 SCHNEIDER-AP8868 Datasheet
61Kb / 2P
Rack PDU 2G, Metered, ZeroU, 10.0kW, 208V,(36) C13 & (6) C19
Oct 8, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com