Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS070-ALE39P Datasheet (PDF) - DFI Inc

KS070-ALE39P Datasheet PDF - DFI Inc
Part # KS070-ALE39P
Download  KS070-ALE39P Download
File Size   863.99 Kbytes
Page   4 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC

KS070-ALE39P Datasheet (PDF)

Go To PDF Page Download Datasheet
KS070-ALE39P Datasheet PDF - DFI Inc

Part # KS070-ALE39P
Download  KS070-ALE39P Click to download

File Size   863.99 Kbytes
Page   4 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC

KS070-ALE39P Datasheet (HTML) - DFI Inc


KS070-ALE39P Product details

Features
• 7" 800x480 TFT LCD panel with touch screen
• 1x CFast socket for storage
• IP65 front panel protection
• Dual displays: VGA + DP++
• Rich I/O: 2 LAN, 2 COM, 2 USB 3.0, 2 USB 2.0




Similar Part No. - KS070-ALE39P

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KS070-BT DFI-KS070-BT Datasheet
1Mb / 4P
Intel Atom® E3800 Series 7" Light Industrial Touch Panel PC
KS070-FS DFI-KS070-FS Datasheet
863Kb / 4P
NXP i.MX6 Series 7" Light Industrial Touch Panel PC
KS070-FS-IMX6 DFI-KS070-FS-IMX6 Datasheet
863Kb / 4P
NXP i.MX6 Series 7" Light Industrial Touch Panel PC
KS070-M8M DFI-KS070-M8M Datasheet
804Kb / 3P
7" Industrial Touch Panel PC
More results


Similar Description - KS070-ALE39P

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7569 ADVANTECH-SOM-7569 Datasheet
832Kb / 2P
Intel Atom E3900 Pentium
logo
DFI Inc
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
KS156-AL DFI-KS156-AL Datasheet
778Kb / 4P
15.6 Light Industrial Touch Panel PC
logo
Advantech Co., Ltd.
SOM-2569 ADVANTECH-SOM-2569 Datasheet
8Mb / 6P
Intel® Atom™ E3900 / Pentium® / Celeron® N Series SMARC Module
13-Oct-2021
logo
BCM Advanced Research.
CCD-07W01 BCM-CCD-07W01 Datasheet
167Kb / 2P
7 inch Intel Atom Z3735F Cloud Computing Multi-Touch Panel PC
7/31/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com