Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS070-BT Datasheet (PDF) - DFI Inc

KS070-BT Datasheet PDF - DFI Inc
Part # KS070-BT
Download  KS070-BT Download
File Size   1082.73 Kbytes
Page   4 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description Intel Atom® E3800 Series 7" Light Industrial Touch Panel PC

KS070-BT Datasheet (PDF)

Go To PDF Page Download Datasheet
KS070-BT Datasheet PDF - DFI Inc

Part # KS070-BT
Download  KS070-BT Click to download

File Size   1082.73 Kbytes
Page   4 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description Intel Atom® E3800 Series 7" Light Industrial Touch Panel PC

KS070-BT Datasheet (HTML) - DFI Inc


KS070-BT Product details

Features
• 7" 800x480 TFT LCD Panel with Touch Screen
• 1x 2.5" SATA drive bay
• IP65 Front Panel Protection
• VESA/Panel Mount
• Rich I/O: 2 LAN, 4 COM, 1 USB 3.0, 3 USB 2.0




Similar Part No. - KS070-BT

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KS070-AL DFI-KS070-AL Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALE39P DFI-KS070-ALE39P Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALN33P DFI-KS070-ALN33P Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-ALN33R DFI-KS070-ALN33R Datasheet
863Kb / 4P
Intel Atom® E3900 Series 7" Light Industrial Touch Panel PC
KS070-FS DFI-KS070-FS Datasheet
863Kb / 4P
NXP i.MX6 Series 7" Light Industrial Touch Panel PC
More results


Similar Description - KS070-BT

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
BT551 GSR-BT551 Datasheet
849Kb / 2P
Intel® AtomTM E3800 Series
BT968 GSR-BT968 Datasheet
403Kb / 2P
Intel Atom® Processor E3800 Series, BGA 1170
logo
DFI Inc
BT253 DFI-BT253 Datasheet
1Mb / 2P
Intel Atom E3800 Series 4 SBC
BT259 DFI-BT259 Datasheet
1Mb / 2P
Intel Atom E3800 Series 4 SBC
BT551 DFI-BT551 Datasheet
853Kb / 2P
Intel Atom E3800 Series 3.5
KS057R-FS DFI-KS057R-FS Datasheet
577Kb / 3P
NXP i.MX6 Series 5.7 Light Industrial Touch Panel PC
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
KS156-AL DFI-KS156-AL Datasheet
778Kb / 4P
15.6 Light Industrial Touch Panel PC
logo
Advantech Co., Ltd.
ITA-8120 ADVANTECH-ITA-8120 Datasheet
427Kb / 2P
EN 50155 12.1" Fanless Railway Touch Panel PC with Intel Atom® x7-E3950 Processor
6-Jan-2021
logo
BCM Advanced Research.
CCD-07W01 BCM-CCD-07W01 Datasheet
167Kb / 2P
7 inch Intel Atom Z3735F Cloud Computing Multi-Touch Panel PC
7/31/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com